Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 219 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 219 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 215Page - PMC-Sierra, Inc PM7347 Datasheet HTML 216Page - PMC-Sierra, Inc PM7347 Datasheet HTML 217Page - PMC-Sierra, Inc PM7347 Datasheet HTML 218Page - PMC-Sierra, Inc PM7347 Datasheet HTML 219Page - PMC-Sierra, Inc PM7347 Datasheet HTML 220Page - PMC-Sierra, Inc PM7347 Datasheet HTML 221Page - PMC-Sierra, Inc PM7347 Datasheet HTML 222Page - PMC-Sierra, Inc PM7347 Datasheet HTML 223Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
219
Document ID: PMC-1990267, Issue 3
Register 385H: TXCP-50 Idle Cell Payload Control
Bit
Type
Function
Default
Bit 7
R/W
PAYLD[7]
0
Bit 6
R/W
PAYLD[6]
1
Bit 5
R/W
PAYLD[5]
1
Bit 4
R/W
PAYLD[4]
0
Bit 3
R/W
PAYLD[3]
1
Bit 2
R/W
PAYLD[2]
0
Bit 1
R/W
PAYLD[1]
1
Bit 0
R/W
PAYLD[0]
0
PAYLD[7:0]
The PAYLD[7:0] bits contain the pattern inserted in the idle cell payload. Idle cells are
inserted when the TXCP-50 detects that the transmit FIFO contains no outstanding cells.
PAYLD[7] is the most significant bit and is the first bit transmitted. PAYLD[0] is the least
significant bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com