Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 238 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 238 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 234Page - PMC-Sierra, Inc PM7347 Datasheet HTML 235Page - PMC-Sierra, Inc PM7347 Datasheet HTML 236Page - PMC-Sierra, Inc PM7347 Datasheet HTML 237Page - PMC-Sierra, Inc PM7347 Datasheet HTML 238Page - PMC-Sierra, Inc PM7347 Datasheet HTML 239Page - PMC-Sierra, Inc PM7347 Datasheet HTML 240Page - PMC-Sierra, Inc PM7347 Datasheet HTML 241Page - PMC-Sierra, Inc PM7347 Datasheet HTML 242Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
238
Document ID: PMC-1990267, Issue 3
RINV
The RINV bit controls the logical inversion of the receive data stream before processing.
When RINV is a logic one, the received data is inverted before being processed by the pattern
detector. When RINV is a logic zero, the received data is not inverted
AUTOSYNC
The AUTOSYNC bit enables the automatic resynchronization of the pattern detector. The
automatic resynchronization is activated when six or more bit errors are detected in the last
64 bit periods. When AUTOSYNC is a logic one, the auto resync feature is enabled. When
AUTO SYNC is a logic zero, the auto sync feature is disabled, and pattern resynchronization
is accomplished using the MANSYNC bit.
MANSYNC
The MANSYNC bit is used to initiate a manual resynchronization of the pattern detector. A
low-to-high transition on MANSYNC initiates the resynchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com