Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 240 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 240 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 236Page - PMC-Sierra, Inc PM7347 Datasheet HTML 237Page - PMC-Sierra, Inc PM7347 Datasheet HTML 238Page - PMC-Sierra, Inc PM7347 Datasheet HTML 239Page - PMC-Sierra, Inc PM7347 Datasheet HTML 240Page - PMC-Sierra, Inc PM7347 Datasheet HTML 241Page - PMC-Sierra, Inc PM7347 Datasheet HTML 242Page - PMC-Sierra, Inc PM7347 Datasheet HTML 243Page - PMC-Sierra, Inc PM7347 Datasheet HTML 244Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
240
Document ID: PMC-1990267, Issue 3
BEI
The BEI bit indicates that one or more bit errors have been detected since the last time this
register was read. When BEI is set to logic one, at least one bit error has been detected. BEI is
set to logic zero when this register is read.
XFERI
The XFERI bit indicates that a transfer of pattern detector data has occurred. A logic one in
this bit position indicates that the pattern receive registers, the bit counter holding registers
and the error counter holding registers have been updated. This update is initiated by writing
to one of the pattern detector register locations, or by writing to the S/UNI-JET Identification,
Master Reset, and Global Monitor Update Register (006H). XFERI is set to logic zero when
this register is read.
OVR
The OVR bit is the overrun status of the pattern detector registers. A logic one in this bit
position indicates that a previous transfer (indicated by XFERI being logic one) has not been
acknowledged before the next accumulation interval has occurred and that the contents of the
pattern receive registers, the bit counter holding registers and the error counter holding
registers have been overwritten. OVR is set to logic zero when this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com