Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 126 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 126 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 122Page - PMC-Sierra, Inc PM7347 Datasheet HTML 123Page - PMC-Sierra, Inc PM7347 Datasheet HTML 124Page - PMC-Sierra, Inc PM7347 Datasheet HTML 125Page - PMC-Sierra, Inc PM7347 Datasheet HTML 126Page - PMC-Sierra, Inc PM7347 Datasheet HTML 127Page - PMC-Sierra, Inc PM7347 Datasheet HTML 128Page - PMC-Sierra, Inc PM7347 Datasheet HTML 129Page - PMC-Sierra, Inc PM7347 Datasheet HTML 130Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
126
Document ID: PMC-1990267, Issue 3
Register 330H: DS3 FRMR Configuration
Bit
Type
Function
Default
Bit 7
R/W
AISPAT
1
Bit 6
R/W
FDET
0
Bit 5
R/W
MBDIS
0
Bit 4
R/W
M3O8
0
Bit 3
R/W
UNI
0
Bit 2
R/W
REFR
0
Bit 1
R/W
AISC
0
Bit 0
R/W
CBE
0
CBE
The CBE bit enables the DS3 C-bit parity application. When a logic one is written to CBE, C-
bit parity mode is enabled. When a logic zero is written to CBE, the DS3 M23 format is
selected. While the C-bit parity application is enabled, C-bit parity error events, FEBEs are
accumulated.
AISC
The AISC bit controls the algorithm used to detect the AIS (AIS). When a logic one is written
to AISC, the algorithm checks that a framed DS3 signal with all C-bits set to logic zero is
observed for a period of time before declaring AIS. The payload contents are checked to the
pattern selected by the AISPAT bit. When a logic zero is written to AISC, the AIS detection
algorithm is determined solely by the settings of AISPAT and AISONES register bits (see bit
mapping table in the Additional Configuration Register description).
REFR
The REFR bit initiates a DS3 reframe. When a logic one is written to REFR, the S/UNI-JET
is forced OOF, and a new search for frame alignment is initiated. Note: Only a low-to-high
transition of the REFR bit triggers reframing; multiple write operations are required to ensure
such a transition.
UNI
The UNI bit configures the S/UNI-JET to accept either dual-rail or single-rail receive DS3
streams. When a logic one is written to UNI, the S/UNI-JET accepts a single-rail DS3 stream
on RDATI. The S/UNI-JET accumulates LCV on the RLCV input. When a logic zero is
written to UNI, the S/UNI-JET accepts B3ZS-encoded dual-rail data on RPOS and RNEG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com