Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 123 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 123 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 119Page - PMC-Sierra, Inc PM7347 Datasheet HTML 120Page - PMC-Sierra, Inc PM7347 Datasheet HTML 121Page - PMC-Sierra, Inc PM7347 Datasheet HTML 122Page - PMC-Sierra, Inc PM7347 Datasheet HTML 123Page - PMC-Sierra, Inc PM7347 Datasheet HTML 124Page - PMC-Sierra, Inc PM7347 Datasheet HTML 125Page - PMC-Sierra, Inc PM7347 Datasheet HTML 126Page - PMC-Sierra, Inc PM7347 Datasheet HTML 127Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
123
Document ID: PMC-1990267, Issue 3
Register 322H: CPPM B1 Error Count LSB
Bit
Type
Function
Default
Bit 7
R
B1E[7]
X
Bit 6
R
B1E[6]
X
Bit 5
R
B1E[5]
X
Bit 4
R
B1E[4]
X
Bit 3
R
B1E[3]
X
Bit 2
R
B1E[2]
X
Bit 1
R
B1E[1]
X
Bit 0
R
B1E[0]
X
Register 323H: CPPM B1 Error Count MSB
Bit
Type
Function
Default
Bit 7
R
B1E[15]
X
Bit 6
R
B1E[14]
X
Bit 5
R
B1E[13]
X
Bit 4
R
B1E[12]
X
Bit 3
R
B1E[11]
X
Bit 2
R
B1E[10]
X
Bit 1
R
B1E[9]
X
Bit 0
R
B1E[8]
X
B1E[15:0]
B1E[15:0] represents the number of PLCP bit interleaved parity (BIP) errors that have been
detected since the last time the B1 error counter was polled. The counter (and all other
counters in the CPPM) is polled by writing to any of the CPPM register addresses (322H –
32FH). Such a write transfers the internally accumulated count to the B1 Error Count
Registers and simultaneously resets the internal counter to begin a new cycle of error
accumulation. This transfer occurs within 67 RCLK periods (1.5 µs for the DS3 bit rate;
1.95µs for the E3 bit rate) of the write. The transfer and reset is carried out in a manner that
coincident events are not lost. B1 errors are not accumulated when the S/UNI-JET has
declared a PLCP LOF defect state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com