Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 121 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 121 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 117Page - PMC-Sierra, Inc PM7347 Datasheet HTML 118Page - PMC-Sierra, Inc PM7347 Datasheet HTML 119Page - PMC-Sierra, Inc PM7347 Datasheet HTML 120Page - PMC-Sierra, Inc PM7347 Datasheet HTML 121Page - PMC-Sierra, Inc PM7347 Datasheet HTML 122Page - PMC-Sierra, Inc PM7347 Datasheet HTML 123Page - PMC-Sierra, Inc PM7347 Datasheet HTML 124Page - PMC-Sierra, Inc PM7347 Datasheet HTML 125Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
121
Document ID: PMC-1990267, Issue 3
Register 31EH: PMON FEBE/J2-EXZS Event Count LSB
Bit
Type
Function
Default
Bit 7
R
FEBE/J2-EXZS[7]
X
Bit 6
R
FEBE/J2-EXZS[6]
X
Bit 5
R
FEBE/J2-EXZS[5]
X
Bit 4
R
FEBE/J2-EXZS[4]
X
Bit 3
R
FEBE/J2-EXZS[3]
X
Bit 2
R
FEBE/J2-EXZS[2]
X
Bit 1
R
FEBE/J2-EXZS[1]
X
Bit 0
R
FEBE/J2-EXZS[0]
X
Register 31FH: PMON FEBE/J2-EXZS Event Count MSB
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
R
FEBE/J2-EXZS[13]
X
Bit 4
R
FEBE/J2-EXZS[12]
X
Bit 3
R
FEBE/J2-EXZS[11]
X
Bit 2
R
FEBE/J2-EXZS[10]
X
Bit 1
R
FEBE/J2-EXZS[9]
X
Bit 0
R
FEBE/J2-EXZS[8]
X
FEBE/J2-EXZS[13:0]
FEBE/J2-EXZS[13:0] represents the number of DS3 or E3 G.832 FEBEs that have been
detected since the last time the FEBE error counter was polled.
In J2 mode, FEBE/J2-EXZS[13:0] represents the number of Excessive Zeros (EXZS is a
string of eight or more consecutive zeros) that have occurred during the previous
accumulation interval.
The counter (and all other counters in the PMON) is polled by writing to any of the PMON
register addresses (314H to 31FH) or to the S/UNI-JET Identification, Master Reset, and
Global Monitor Update Register (006H). Such a write transfers the internally accumulated
count to the FEBE Event Count Registers and simultaneously resets the internal counter to
begin a new cycle of error accumulation. This transfer and reset is carried out in a manner
that coincident events are not lost. The transfer takes 255 RCLK cycles to complete in DS3
mode and three RCLK cycles to complete in E3 and J2 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com