Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 118 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 118 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 114Page - PMC-Sierra, Inc PM7347 Datasheet HTML 115Page - PMC-Sierra, Inc PM7347 Datasheet HTML 116Page - PMC-Sierra, Inc PM7347 Datasheet HTML 117Page - PMC-Sierra, Inc PM7347 Datasheet HTML 118Page - PMC-Sierra, Inc PM7347 Datasheet HTML 119Page - PMC-Sierra, Inc PM7347 Datasheet HTML 120Page - PMC-Sierra, Inc PM7347 Datasheet HTML 121Page - PMC-Sierra, Inc PM7347 Datasheet HTML 122Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
118
Document ID: PMC-1990267, Issue 3
Register 318H: PMON Excessive Zero Count LSB
Bit
Type
Function
Default
Bit 7
R
EXZS[7]
X
Bit 6
R
EXZS[6]
X
Bit 5
R
EXZS[5]
X
Bit 4
R
EXZS[4]
X
Bit 3
R
EXZS[3]
X
Bit 2
R
EXZS[2]
X
Bit 1
R
EXZS[1]
X
Bit 0
R
EXZS[0]
X
Register 319H: PMON Excessive Zero Count MSB
Bit
Type
Function
Default
Bit 7
R
EXZS[15]
X
Bit 6
R
EXZS[14]
X
Bit 5
R
EXZS[13]
X
Bit 4
R
EXZS[12]
X
Bit 3
R
EXZS[11]
X
Bit 2
R
EXZS[10]
X
Bit 1
R
EXZS[9]
X
Bit 0
R
EXZS[8]
X
EXZS[15:0]
In DS3 mode, EXZS[15:0] represents the number of summed Excessive Zeros (EXZS) that
occurred during the previous accumulation interval. One or more excessive zeros occurrences
within an 85 bit DS3 information block is counted as one summed excessive zero. Excessive
zeros are accumulated by this register only when the EXZSO and EXZDET are logic one in
the DS3 FRMR Additional Configuration Register. This register accumulates summed LCV
when the EXZSO is logic zero. The count of summed LCV is defined as the number of DS3
information blocks (85 bits) that contain one or more LCV since the last time the summed
LCV counter was polled.
The counter (and all other counters in the PMON) is polled by writing to any of the PMON
register addresses (314H to 31FH) or to the S/UNI-JET Identification, Master Reset, and
Global Monitor Update Register (006H). Such a write transfers the internally accumulated
count to the EXZS Event Count Registers and simultaneously resets the internal counter to
begin a new cycle of error accumulation. This transfer and reset is carried out in a manner
that coincident events are not lost. The transfer takes 255 RCLK cycles to complete in DS3
mode and a maximum of 500 RCLK cycles to complete in G.832 E3 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com