Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 117 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 117 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 113Page - PMC-Sierra, Inc PM7347 Datasheet HTML 114Page - PMC-Sierra, Inc PM7347 Datasheet HTML 115Page - PMC-Sierra, Inc PM7347 Datasheet HTML 116Page - PMC-Sierra, Inc PM7347 Datasheet HTML 117Page - PMC-Sierra, Inc PM7347 Datasheet HTML 118Page - PMC-Sierra, Inc PM7347 Datasheet HTML 119Page - PMC-Sierra, Inc PM7347 Datasheet HTML 120Page - PMC-Sierra, Inc PM7347 Datasheet HTML 121Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
117
Document ID: PMC-1990267, Issue 3
Register 316H: PMON Framing Bit Error Event Count LSB
Bit
Type
Function
Default
Bit 7
R
FERR[7]
X
Bit 6
R
FERR[6]
X
Bit 5
R
FERR[5]
X
Bit 4
R
FERR[4]
X
Bit 3
R
FERR[3]
X
Bit 2
R
FERR[2]
X
Bit 1
R
FERR[1]
X
Bit 0
R
FERR[0]
X
317H: PMON Framing Bit Error Event Count MSB
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R
FERR[9]
X
Bit 0
R
FERR[8]
X
FERR[9:0]
FERR[9:0] represents the number of DS3 F-bit and M-bit errors, or E3 or J2 framing pattern
errors, that have been detected since the last time the framing error counter was polled.
The counter (and all other counters in the PMON) is polled by writing to any of the PMON
register addresses (314H to 31FH) or to the S/UNI-JET Identification, Master Reset, and
Global Monitor Update Register (006H). Such a write transfers the internally accumulated
count to the FERR Error Event Count Registers and simultaneously resets the internal counter
to begin a new cycle of error accumulation. This transfer and reset is carried out in a manner
that coincident events are not lost. The transfer takes 255 RCLK cycles to complete in DS3
mode and three RCLK cycles to complete in E3 and J2 mode.
This counter is paused when the corresponding framer has lost frame alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com