Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 130 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 130 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 126Page - PMC-Sierra, Inc PM7347 Datasheet HTML 127Page - PMC-Sierra, Inc PM7347 Datasheet HTML 128Page - PMC-Sierra, Inc PM7347 Datasheet HTML 129Page - PMC-Sierra, Inc PM7347 Datasheet HTML 130Page - PMC-Sierra, Inc PM7347 Datasheet HTML 131Page - PMC-Sierra, Inc PM7347 Datasheet HTML 132Page - PMC-Sierra, Inc PM7347 Datasheet HTML 133Page - PMC-Sierra, Inc PM7347 Datasheet HTML 134Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
130
Document ID: PMC-1990267, Issue 3
Register 331H: DS3 FRMR Additional Configuration Register
(ACE=1 in Register 333H)
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
R/W
AISONES
0
Bit 4
R/W
BPVO
0
Bit 3
R/W
EXZSO
0
Bit 2
R/W
EXZDET
0
Bit 1
R/W
SALGO
0
Bit 0
R/W
DALGO
0
DALGO
The DALGO bit determines the criteria used to decode a valid B3ZS signature. When
DALGO is set to logic one, a valid B3ZS signature is declared and three zeros substituted
whenever a zero followed by a bipolar violation of the opposite polarity to the last observed
BPV is seen. When the DALGO bit is set to logic zero, a valid B3ZS signature is declared
and the three zeros are substituted whenever a zero followed by a bipolar violation is
observed.
SALGO
The SALGO bit determines the criteria used to establish a valid B3ZS signature used to map
BPVs to LCV indications. Any BPV that is not part of a valid B3ZS signature is indicated as
an LCV. When the SALGO bit is set to logic one, a valid B3ZS signature is declared
whenever a zero followed by a bipolar violation is observed. When SALGO is set to logic
zero, a valid B3ZS signature is declared whenever a zero followed by a bipolar violation of
the opposite polarity to the last observed BPV is seen.
EXZDET
The EXZDET bit determines the type of zero occurrences to be included in the LCV
indication. When EXZDET is set to logic one, the occurrence of an excessive zero generates
a single pulse indication that is used to indicate an LCV. When EXZDET is set to logic zero,
every occurrence of three consecutive zeros generates a pulse indication that is used to
indicate an LCV. For example, if a sequence of 15 consecutive zeros were received, with
EXZDET=1 only a single LCV would be indicated for this string of excessive zeros; with
EXZDET=0, five LCVs would be indicated for this string (i.e. one LCV for every three
consecutive zeros). Refer to Table 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com