Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 132 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 132 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 128Page - PMC-Sierra, Inc PM7347 Datasheet HTML 129Page - PMC-Sierra, Inc PM7347 Datasheet HTML 130Page - PMC-Sierra, Inc PM7347 Datasheet HTML 131Page - PMC-Sierra, Inc PM7347 Datasheet HTML 132Page - PMC-Sierra, Inc PM7347 Datasheet HTML 133Page - PMC-Sierra, Inc PM7347 Datasheet HTML 134Page - PMC-Sierra, Inc PM7347 Datasheet HTML 135Page - PMC-Sierra, Inc PM7347 Datasheet HTML 136Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
132
Document ID: PMC-1990267, Issue 3
AISONES
The AISONES bit controls the pattern used to detect the AIS (AIS) when both AISPAT and
AISC bits in DS3 FRMR Configuration Register are logic zero; if either AISPAT or AISC are
logic one, the AISONES bit is ignored. When a logic zero is written to AISONES, the
algorithm checks that a framed all-ones payload pattern (1111..) signal is observed for a
period of time before declaring AIS. Only the payload bits are observed to follow an all-ones
pattern, the overhead bits (X, P, M, F, C) are ignored. When a logic one is written to
AISONES, the algorithm checks that an unframed all-ones pattern (1111..) signal is observed
for a period of time before declaring AIS. In this case all the bits, including the overhead, are
observed to follow an all-ones pattern. The valid combinations of AISPAT, AISC, and
AISONES bits are summarized in Table 15:
Table 15 DS3 FRMR AIS Configurations
AISPAT
AISC
AISONES
AIS Detected
1
0
X
Framed DS3 stream containing repeating 1010… pattern;
overhead bits ignored.
0
1
X
Framed DS3 stream containing C-bits all logic zero; payload
bits ignored.
1
1
X
Framed DS3 stream containing repeating 1010… pattern in
the payload, C-bits all logic zero, and X-bits=1. This can be
detected by setting both AISPAT and AISC high, and
declaring AIS only when AISV=1 and FERFV=0 (Register
x33H).
0
0
0
Framed DS3 stream containing all-ones payload pattern;
overhead bits ignored.
0
0
1
Unframed all-ones DS3 stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com