Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 136 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 136 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 132Page - PMC-Sierra, Inc PM7347 Datasheet HTML 133Page - PMC-Sierra, Inc PM7347 Datasheet HTML 134Page - PMC-Sierra, Inc PM7347 Datasheet HTML 135Page - PMC-Sierra, Inc PM7347 Datasheet HTML 136Page - PMC-Sierra, Inc PM7347 Datasheet HTML 137Page - PMC-Sierra, Inc PM7347 Datasheet HTML 138Page - PMC-Sierra, Inc PM7347 Datasheet HTML 139Page - PMC-Sierra, Inc PM7347 Datasheet HTML 140Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
136
Document ID: PMC-1990267, Issue 3
CBITV
The CBITV bit indicates the application identification channel (AIC) state. CBITV is set to
logic one (indicating the presence of the C-bit parity application) when the AIC bit is set high
for 63 consecutive M-frames. CBITV is set to logic zero (indicating the presence of the M23
or SYNTRAN applications) when AIC is set low for 2 or more M-frames in the last 15.
REDV
The REDV bit indicates the current state of the DS3 RED indication. When the REDV bit is a
logic one, the DS3 FRMR frame alignment acquisition circuitry has been OOF for 2.23ms (or
for 13.5ms when FDET is logic zero). When the REDV bit is logic zero, the frame alignment
circuitry has found frame (i.e. OOFV=0) for 2.23ms ( or 13.5ms if FDET=0).
ACE
The ACE bit selects the Additional Configuration Register. This register is located at address
331H, and is only accessible when the ACE bit is set to logic one. When ACE is set to logic
zero, the Interrupt Enable Register is accessible at address 331H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com