Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 135 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 135 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 131Page - PMC-Sierra, Inc PM7347 Datasheet HTML 132Page - PMC-Sierra, Inc PM7347 Datasheet HTML 133Page - PMC-Sierra, Inc PM7347 Datasheet HTML 134Page - PMC-Sierra, Inc PM7347 Datasheet HTML 135Page - PMC-Sierra, Inc PM7347 Datasheet HTML 136Page - PMC-Sierra, Inc PM7347 Datasheet HTML 137Page - PMC-Sierra, Inc PM7347 Datasheet HTML 138Page - PMC-Sierra, Inc PM7347 Datasheet HTML 139Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
135
Document ID: PMC-1990267, Issue 3
Register 333H: DS3 FRMR Status
Bit
Type
Function
Default
Bit 7
R/W
ACE
0
Bit 6
R
REDV
X
Bit 5
R
CBITV
X
Bit 4
R
FERFV
X
Bit 3
R
IDLV
X
Bit 2
R
AISV
X
Bit 1
R
OOFV
X
Bit 0
R
LOSV
X
LOSV
The LOSV bit indicates the current LOS defect state. LOSV is a logic one when a sequence
of 175 zeros is detected on the B3ZS encoded DS3 receive stream. LOSV is a logic zero
when a signal with a ones density greater than 33% for 175 ± 1 bit periods is detected.
OOFV
The OOFV bit indicates the current DS3 OOF defect state. When the S/UNI-JET has lost
frame alignment and is searching for the new alignment, OOFV is set to logic one. When the
S/UNI-JET has found frame alignment, the OOFV bit is set to logic zero.
AISV
The AISV bit indicates the AIS state. When the S/UNI-JET detects the AIS maintenance
signal, AISV is set to logic one.
IDLV
The IDLV bit indicates the IDLE signal state. When the S/UNI-JET detects the IDLE
maintenance signal, IDLV is set to logic one.
FERFV
The FERFV bit indicates the current far end receive failure defect state. When the S/UNI-JET
detects an M-frame with the X1 and X2 bits both set to zero, FERFV is set to logic one.
When the S/UNI-JET detects an M-frame with the X1 and X2 bits both set to one, FERFV is
set to logic zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com