Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 141 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 141 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 137Page - PMC-Sierra, Inc PM7347 Datasheet HTML 138Page - PMC-Sierra, Inc PM7347 Datasheet HTML 139Page - PMC-Sierra, Inc PM7347 Datasheet HTML 140Page - PMC-Sierra, Inc PM7347 Datasheet HTML 141Page - PMC-Sierra, Inc PM7347 Datasheet HTML 142Page - PMC-Sierra, Inc PM7347 Datasheet HTML 143Page - PMC-Sierra, Inc PM7347 Datasheet HTML 144Page - PMC-Sierra, Inc PM7347 Datasheet HTML 145Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
141
Document ID: PMC-1990267, Issue 3
Register 338H: E3 FRMR Framing Options
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
R/W
Reserved
0
Bit 4
R/W
UNI
0
Bit 3
R/W
FORMAT[1]
0
Bit 2
R/W
FORMAT[0]
0
Bit 1
R/W
REFRDIS
0
Bit 0
R/W
REFR
0
REFR
A transition from logic zero to logic one in the REFR bit position forces the E3 Framer to
initiate a search for frame alignment. The bit must be cleared to logic zero, then set to logic
one again to initiate subsequent searches for frame alignment.
REFRDIS
The REFRDIS bit disables reframing under the consecutive framing bit error condition once
frame alignment has been found, leaving reframing to be initiated only by software via the
REFR bit. A logic one in the REFRDIS bit position causes the FRMR to remain "locked in
frame" once initial frame alignment has been found. A logic zero allows reframing to occur
when four consecutive framing patterns are received in error.
FORMAT[1:0]
The FORMAT[1:0] bits determine the framing mode used for pattern matching when finding
frame alignment and for generating the output status signals. The FORMAT[1:0] bits select
one of two framing formats. Refer to Table 16.
Table 16 E3 FRMR FORMAT[1:0] Configurations
FORMAT[1]
FORMAT[0]
Framing Format Selected
0
0
G.751 E3 format
0
1
G.832 E3 format
10
Reserved
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com