Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 158 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 158 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 154Page - PMC-Sierra, Inc PM7347 Datasheet HTML 155Page - PMC-Sierra, Inc PM7347 Datasheet HTML 156Page - PMC-Sierra, Inc PM7347 Datasheet HTML 157Page - PMC-Sierra, Inc PM7347 Datasheet HTML 158Page - PMC-Sierra, Inc PM7347 Datasheet HTML 159Page - PMC-Sierra, Inc PM7347 Datasheet HTML 160Page - PMC-Sierra, Inc PM7347 Datasheet HTML 161Page - PMC-Sierra, Inc PM7347 Datasheet HTML 162Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
158
Document ID: PMC-1990267, Issue 3
Register 343H: E3 TRAN Maintenance and Adaptation Options
Bit
Type
Function
Default
Bit 7
R/W
FERF/RAI
0
Bit 6
R/W
FEBE
0
Bit 5
R/W
PTYPE[2]
0
Bit 4
R/W
PTYPE[1]
0
Bit 3
R/W
PTYPE[0]
0
Bit 2
R/W
TUMFRM[1]
0
Bit 1
R/W
TUMFRM[0]
0
Bit 0
R/W
TIMEMK
0
TIMEMK
The TIMEMK bit determines the state of the Timing Marker bit (bit 8 of the G.832
Maintenance and Adaptation byte). When TIMEMK is set to logic one, the Timing Marker bit
in the MA byte is set to logic one. When TIMEMK is set to logic zero, the Timing Marker bit
in the MA byte is set to logic zero.
TUMFRM[1:0]
The TUMFRM[1:0] bits reflect the value to be inserted in the Tributary Unit Multiframe bits
(bits 6, and 7 of the G.832 Maintenance and Adaptation byte). These bits are logically ORed
with the TUMFRM[1:0] overhead signals from the TOH input before being inserted in the
MA byte.
PTYPE[2:0]
The PTYPE[2:0] bits reflect the value to be inserted in the Payload Type bits (bits 3,4,5 of the
G.832 Maintenance and Adaptation byte).
FEBE
The FEBE bit reflects the value to be inserted in the FEBE indication bit (bit 2 of the G.832
Maintenance and Adaptation byte). The FEBE bit value is logically ORed with the FEBE
indications generated by the FRMR for any detected BIP-8 errors. When the FEBE bit is
logic one, bit 2 of the G.832 MA byte is set to logic one; when the FEBE bit is logic zero, any
BIP-8 error indications from the FRMR causes bit 2 of the MA byte to be set to logic one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com