Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 156 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 156 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 152Page - PMC-Sierra, Inc PM7347 Datasheet HTML 153Page - PMC-Sierra, Inc PM7347 Datasheet HTML 154Page - PMC-Sierra, Inc PM7347 Datasheet HTML 155Page - PMC-Sierra, Inc PM7347 Datasheet HTML 156Page - PMC-Sierra, Inc PM7347 Datasheet HTML 157Page - PMC-Sierra, Inc PM7347 Datasheet HTML 158Page - PMC-Sierra, Inc PM7347 Datasheet HTML 159Page - PMC-Sierra, Inc PM7347 Datasheet HTML 160Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
156
Document ID: PMC-1990267, Issue 3
DFERR
The DFERR bit selects whether the framing pattern is corrupted for diagnostic purposes.
When DFERR is logic one, the framing pattern inserted into the output data stream is
inverted. When DFERR is logic zero, the unaltered framing pattern inserted into the output
data stream.
CPERR
The CPERR bit enables continuous generation of BIP-8 errors for diagnostic purposes. When
CPERR is logic one, the calculated BIP-8 value is continuously inverted according to the
error mask specified by the BIP-8 Error Mask Register and inserted into the G.832 EM byte.
When CPERR is logic zero, the calculated BIP-8 value is altered only once, according to the
error mask specified by the BIP-8 Error Mask Register, and inserted into the EM byte.
PYLD&JUST
The PYLD&JUST bit selects whether the justification service bits and the tributary
justification bits in framing modes G.751 is indicated as overhead or payload. When
PYLD&JUST is logic one, the justification service bits and the tributary justification bits are
indicated as payload. When PYLD&JUST is logic zero, the justification service and tributary
justification bits are indicated as overhead. For G.751 ATM applications, this bit must be set
to logic one for correct cell mapping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com