Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 160 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 160 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 156Page - PMC-Sierra, Inc PM7347 Datasheet HTML 157Page - PMC-Sierra, Inc PM7347 Datasheet HTML 158Page - PMC-Sierra, Inc PM7347 Datasheet HTML 159Page - PMC-Sierra, Inc PM7347 Datasheet HTML 160Page - PMC-Sierra, Inc PM7347 Datasheet HTML 161Page - PMC-Sierra, Inc PM7347 Datasheet HTML 162Page - PMC-Sierra, Inc PM7347 Datasheet HTML 163Page - PMC-Sierra, Inc PM7347 Datasheet HTML 164Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
160
Document ID: PMC-1990267, Issue 3
Register 344H: J2-FRMR Configuration
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R/W
UNI
0
Bit 5
R/W
REFRAME
0
Bit 4
R/W
FLOCK
0
Bit 3
R/W
CRC_REFR
0
Bit 2
R/W
SFRME
0
Bit 1
R/W
LOSTHR[1]
1
Bit 0
R/W
LOSTHR[0]
1
UNI
When the UNI bit is set to logic zero, the J2-FRMR expects unipolar data on the RDATI
input and LCV indications on the RLCV input. When UNI is logic zero, the J2-FRMR
expects bipolar B8ZS encoded data on the RPOS and RNEG inputs. When UNI is set to logic
one, then the LOS, LOSI, and EXZI indications cannot be used.
REFRAME
Writing the REFRAME bit logic one forces the J2-FRMR to declare LOF, and begin
searching for a new alignment. In order to force another reframe, REFRAME must be written
with logic zero, and then logic one again.
FLOCK
When the FLOCK bit is set to logic one, the J2-FRMR is prevented from declaring LOF and
searching for a new frame alignment due to framing-pattern errors. In this case, the J2-FRMR
will only search for frame alignment when the REFRAME register bit transitions from logic
zero to logic one.
CRC_REFR
When the CRC Reframe Enable bit is set to logic one, an alternate framing algorithm is
enabled, which uses the CRC-5 check to detect framing to a mimic pattern in the payload or
signaling bits. The framer, once it has seen at least one correct framing pattern, begins
looking for correct CRC-5s as well. If it observes three consecutive correct framing patterns,
and two correct CRC-5 sequences, then frame is declared. Otherwise, a reframe is initiated.
When CRC_REFR is set to logic zero, the framing algorithm simply searches for three
consecutive correct framing patterns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com