Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 152 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 152 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 148Page - PMC-Sierra, Inc PM7347 Datasheet HTML 149Page - PMC-Sierra, Inc PM7347 Datasheet HTML 150Page - PMC-Sierra, Inc PM7347 Datasheet HTML 151Page - PMC-Sierra, Inc PM7347 Datasheet HTML 152Page - PMC-Sierra, Inc PM7347 Datasheet HTML 153Page - PMC-Sierra, Inc PM7347 Datasheet HTML 154Page - PMC-Sierra, Inc PM7347 Datasheet HTML 155Page - PMC-Sierra, Inc PM7347 Datasheet HTML 156Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
152
Document ID: PMC-1990267, Issue 3
Register 33EH: E3 FRMR Maintenance Event Status
Bit
Type
Function
Default
Bit 7
R
AISD
X
Bit 6
R
FERF/RAI
X
Bit 5
R
FEBE
X
Bit 4
R
PTYPE[2]
X
Bit 3
R
PTYPE[1]
X
Bit 2
R
PTYPE[0]
X
Bit 1
R
TIMEMK
X
Bit 0
R
NATUSE
X
NATUSE
The NATUSE bit reflects the state of the extracted National Use bit (bit 12 of the frame in
G.751 E3 mode).
TIMEMK
The TIMEMK bit reflects the state of the Timing Marker bit (bit 8 of the G.832 Maintenance
and Adaptation byte).
PTYPE[2:0]
The PTYPE[2:0] bits reflect the state of the Payload Type bits (bits 3,4,5 of the G.832
Maintenance and Adaptation byte). These bits are not latched and should be read 2 or three
times in rapid succession to ensure a coherent binary value.
FEBE
The FEBE bit reflects the state of the FEBE indication bit (bit 2 of the G.832 Maintenance
and Adaptation byte).
FERF
The FERF bit reflects the value of the Far End Receive Failure indication bit (bit 1 of the
G.832 Maintenance and Adaptation byte), or the value of the RAI bit (bit 11 of the frame in
G.751) when the value has been the same for either three or 5 consecutive frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com