Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 148 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 148 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 144Page - PMC-Sierra, Inc PM7347 Datasheet HTML 145Page - PMC-Sierra, Inc PM7347 Datasheet HTML 146Page - PMC-Sierra, Inc PM7347 Datasheet HTML 147Page - PMC-Sierra, Inc PM7347 Datasheet HTML 148Page - PMC-Sierra, Inc PM7347 Datasheet HTML 149Page - PMC-Sierra, Inc PM7347 Datasheet HTML 150Page - PMC-Sierra, Inc PM7347 Datasheet HTML 151Page - PMC-Sierra, Inc PM7347 Datasheet HTML 152Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
148
Document ID: PMC-1990267, Issue 3
Register 33CH: E3 FRMR Maintenance Event Interrupt Enable
Bit
Type
Function
Default
Bit 7
R/W
FERRE
0
Bit 6
R/W
PERRE
0
Bit 5
R/W
AISDE
0
Bit 4
R/W
FERFE
0
Bit 3
R/W
FEBEE
0
Bit 2
R/W
PTYPEE
0
Bit 1
R/W
TIMEMKE
0
Bit 0
R/W
NATUSEE
0
NATUSEE
The NATUSEE bit is an interrupt enable. When NATUSEE is logic one, an interrupt is
generated on the INTB output when the National Use bit (bit 12 of the frame in G.751 E3
mode) changes state. When NATUSEE is logic zero, changes in state of the National Use bit
does not cause an interrupt on INTB.
TIMEMKE
The TIMEMKE bit is an interrupt enable. When TIMEMKE is logic one, an interrupt is
generated on the INTB output when the Timing Marker bit (bit 8 of the G.832 Maintenance
and Adaptation byte) changes state after the selected persistency check is applied. When
TIMEMKE is logic zero, changes in state of the Timing Marker bit does not cause an
interrupt on INTB.
PTYPEE
The PTYPEE bit is an interrupt enable. When PTYPEE is logic one, an interrupt is generated
on the INTB output when the Payload Type bits (bits 3,4,5 of the G.832 Maintenance and
Adaptation byte) change state. When PTYPEE is logic zero, changes in state of the Payload
Type bits does not cause an interrupt on INTB.
FEBEE
The FEBEE bit is an interrupt enable. When FEBEE is logic one, an interrupt is generated on
the INTB output when the FEBE indication bit (bit 2 of the G.832 Maintenance and
Adaptation byte) changes state. When FEBEE is logic zero, changes in state of the FEBE bit
does not cause an interrupt on INTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com