Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 146 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 146 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 142Page - PMC-Sierra, Inc PM7347 Datasheet HTML 143Page - PMC-Sierra, Inc PM7347 Datasheet HTML 144Page - PMC-Sierra, Inc PM7347 Datasheet HTML 145Page - PMC-Sierra, Inc PM7347 Datasheet HTML 146Page - PMC-Sierra, Inc PM7347 Datasheet HTML 147Page - PMC-Sierra, Inc PM7347 Datasheet HTML 148Page - PMC-Sierra, Inc PM7347 Datasheet HTML 149Page - PMC-Sierra, Inc PM7347 Datasheet HTML 150Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
146
Document ID: PMC-1990267, Issue 3
Register 33BH: E3 FRMR Framing Interrupt Indication and Status
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R
CZDI
X
Bit 5
R
LOSI
X
Bit 4
R
LCVI
X
Bit 3
R
COFAI
X
Bit 2
R
OOFI
X
Bit 1
R
LOS
X
Bit 0
R
OOF
X
OOF
The OOF bit indicates the current state of the E3-FRMR. When OOF is logic one, the
E3-FRMR is OOF alignment and actively searching for the new alignment. While OOF is
high all status indications and overhead extraction continue with the previous known
alignment. When OOF is logic zero, the E3-FRMR has found a valid frame alignment and is
operating in a maintenance mode, indicating framing bit errors, and extracting and processing
overhead bits. During reset, OOF is set to logic one, but the setting may change prior to the
register being read.
LOS
The LOS bit indicates the current state of the Loss-Of-Signal detector. When LOS is logic
one, the E3-FRMR has received 32 consecutive RCLK cycles with no occurrences of bipolar
data on RPOS and RNEG. When LOS is logic zero, the FRMR is receiving valid bipolar data.
When the E3-FRMR has declared LOS, the LOS indication is set to logic zero (de-asserted)
when the E3-FRMR has received 32 consecutive RCLK cycles containing no occurrences of
4 consecutive zeros. The LOS bit is forced to logic zero if the UNI bit is logic one. During
reset, LOS is set to logic zero, but the setting may change prior to the register being read.
OOFI
A logic one OOFI bit indicates a change in the OOF status. The OOFI bit is cleared to logic
zero upon the completion of the register read. When OOFI is logic zero, it indicates that no
OOF state change has occurred since the last time this register was read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com