Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 149 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 149 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 145Page - PMC-Sierra, Inc PM7347 Datasheet HTML 146Page - PMC-Sierra, Inc PM7347 Datasheet HTML 147Page - PMC-Sierra, Inc PM7347 Datasheet HTML 148Page - PMC-Sierra, Inc PM7347 Datasheet HTML 149Page - PMC-Sierra, Inc PM7347 Datasheet HTML 150Page - PMC-Sierra, Inc PM7347 Datasheet HTML 151Page - PMC-Sierra, Inc PM7347 Datasheet HTML 152Page - PMC-Sierra, Inc PM7347 Datasheet HTML 153Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
149
Document ID: PMC-1990267, Issue 3
FERFE
The FERFE bit is an interrupt enable. When FERFE is logic one, an interrupt is generated on
the INTB output when the Far End Receive Failure indication bit (bit 1 of the G.832
Maintenance and Adaptation byte), or when the RAI bit (bit 11 of the frame in G.751)
changes state after the selected persistency check is applied. When FERFE is logic zero,
changes in state of the FERF or RAI bit does not cause an interrupt on INTB.
AISDE
The AISDE bit is an interrupt enable. When AISDE is logic one, an interrupt is generated on
the INTB output when the AISD indication changes state. When AISDE is logic zero,
changes in state of the AISD signal does not cause an interrupt on INTB.
PERRE
The PERRE bit is an interrupt enable. When PERRE is logic one, an interrupt is generated on
the INTB output when a BIP-8 error (in G.832 mode) is detected. When PERRE is logic zero,
occurrences of BIP-8 errors do not cause an interrupt on INTB.
FERRE
The FERRE bit is an interrupt enable. When FERRE is logic one, an interrupt is generated on
the INTB output when a framing bit error is detected. When FERRE is logic zero,
occurrences of framing bit errors do not cause an interrupt on INTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com