Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 150 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 150 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 146Page - PMC-Sierra, Inc PM7347 Datasheet HTML 147Page - PMC-Sierra, Inc PM7347 Datasheet HTML 148Page - PMC-Sierra, Inc PM7347 Datasheet HTML 149Page - PMC-Sierra, Inc PM7347 Datasheet HTML 150Page - PMC-Sierra, Inc PM7347 Datasheet HTML 151Page - PMC-Sierra, Inc PM7347 Datasheet HTML 152Page - PMC-Sierra, Inc PM7347 Datasheet HTML 153Page - PMC-Sierra, Inc PM7347 Datasheet HTML 154Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
150
Document ID: PMC-1990267, Issue 3
Register 33DH: E3 FRMR Maintenance Event Interrupt Indication
Bit
Type
Functioln
Defaut
Bit 7
R
FERRI
0
Bit 6
R
PERRI
0
Bit 5
R
AISDI
0
Bit 4
R
FERFI
0
Bit 3
R
FEBEI
0
Bit 2
R
PTYPEI
0
Bit 1
R
TIMEMKI
0
Bit 0
R
NATUSEI
0
NATUSEI
The NATUSEI bit is a transition Indication. When NATUSEI is logic one, a change of state
of the National Use bit (bit 12 of the frame in G.751 E3 mode) has occurred. When NATUSEI
is logic zero, no change of state of the National Use bit has occurred since the last time this
register was read.
TIMEMKI
The TIMEMKI bit is a transition indication. When TIMEMKI is logic one, a change in state
of the Timing Marker bit (bit 8 of the G.832 Maintenance and Adaptation byte) has occurred.
When TIMEMKI is logic zero, no changes in the state of the Timing Marker bit occurred
since the last time this register was read.
PTYPEI
The PTYPEI bit is a transition indication. When PTYPEI is logic one, a change of state of the
Payload Type bits (bits 3,4,5 of the G.832 Maintenance and Adaptation byte) has occurred.
When PTYPEI is logic zero, no changes in the state of the Payload Type bits has occurred
since the last time this register was read.
FEBEI
The FEBEI bit is a transition indication. When FEBEI is logic one, a change of state of the
FEBE indication bit (bit 2 of the G.832 Maintenance and Adaptation byte) has occurred.
When FEBEI is logic zero, no changes in the state of the FEBE bit has occurred since the last
time this register was read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com