Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 35 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 35 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 31Page - GENESYS LOGIC GL842 Datasheet HTML 32Page - GENESYS LOGIC GL842 Datasheet HTML 33Page - GENESYS LOGIC GL842 Datasheet HTML 34Page - GENESYS LOGIC GL842 Datasheet HTML 35Page - GENESYS LOGIC GL842 Datasheet HTML 36Page - GENESYS LOGIC GL842 Datasheet HTML 37Page - GENESYS LOGIC GL842 Datasheet HTML 38Page - GENESYS LOGIC GL842 Datasheet HTML 39Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 35
Offset 41h
PWRBIT BUFEMPTY FEEDFSH SCANFSH HOMESNR LAMPSTS
FEBUSY MOTORENB
R
R
R
R
R
R
R
R
7 PWRBIT
To indicate power status.
Power on initial,PWRBIT=0;
6 BUFEMPTY
0 To indicate that the image buffer is not empty.
1 To indicate that the image buffer is empty.
5 FEEDFSH
0 To indicate that motor feeding is not finished.
1 To indicate that motor feeding is finished.
4 SCANFSH
0 To indicate that scan is not finished.
1 To indicate that scan is finished.
3 HOMESNR
0 Home sensor is on (is not home position).
1 Home sensor is off (is home position).
2 LAMPSTS
0 Lamp is off.
1 Lamp is on.
1 FEBUSY
0 Front end is ready and be able to read/write again.
1 Front end is busy and can not read/write again.
0 MOTORENB
0 Motor is not processing.
1 Motor is processing.
Offset 42h
X
X
X
X
VALIDWORD
19
VALIDWORD
18
VALIDWORD
17
VALIDWORD
16
X
X
X
X
R
R
R
R
7-4 RESERVED
-
3-0 VALIDWORD
To indicate available words to read out in the image buffer of DRAM.
[19:16]
Offset 43h
VALIDWORD
15
VALIDWORD
14
VALIDWORD
13
VALIDWORD
12
VALIDWORD
11
VALIDWORD
10
VALIDWORD
9
VALIDWORD
8
R
R
R
R
R
R
R
R
7-0 VALIDWORD
To indicate available words to read out in the image buffer of DRAM.
[15:9]
Offset 44h
VALIDWORD
7
VALIDWORD
6
VALIDWORD
5
VALIDWORD
4
VALIDWORD
3
VALIDWORD
2
VALIDWORD
1
VALIDWORD
0
R
R
R
R
R
R
R
R
7-0 VALIDWORD
To indicate available words to read out in the image buffer of DRAM.
[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com