Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 11 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 11 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 7Page - GENESYS LOGIC GL842 Datasheet HTML 8Page - GENESYS LOGIC GL842 Datasheet HTML 9Page - GENESYS LOGIC GL842 Datasheet HTML 10Page - GENESYS LOGIC GL842 Datasheet HTML 11Page - GENESYS LOGIC GL842 Datasheet HTML 12Page - GENESYS LOGIC GL842 Datasheet HTML 13Page - GENESYS LOGIC GL842 Datasheet HTML 14Page - GENESYS LOGIC GL842 Datasheet HTML 15Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 11
XPA_SW
30
O
hbd16rsc
Transparency lamp power control or CIS Green LED
array control
LED_B
31
O
hbd16rsc CIS Blue LED array control
FRONT-END Interface
Pin Name
Pin#
Type
ASIC I/O
Cell
Description
OP0~7
40~47
I
(pd)
hbd16dhk AFE digital data input
SEN/SLOAD
55
O
(pd) hbd16dhk Serial interface load pulse
SCLK
54
O
hbd16rsc Serial interface clock output
SDI
51
O
(pd)
hbd16dhk Serial data output
SDO
50
I
(pd)
hbd16dhk Serial data input
BSMP/CDSCLK1
56
O
hbd16rsc Wolfson type: Video sample synchronization pulse
Analog Device: CDS Reference level sampling clock
VSMP/CDSCLK2
57
O
hbd16rsc Wolfson type: Video sample synchronization pulse
Analog Device: CDS Data level sampling clock
MCLK/ADCCLK
58
O
hbd16rsc Wolfson type: Master clock.
Analog Device: A/D Converter sampling clock.
DRAM Interface
Pin Name
Pin#
Type
ASIC I/O
Cell
Description
DBUS0~15
95~102,
105~112
B
(pd)
hbd16dhk DRAM data bus
ABUS0~9
81,84~89,
92~94
O
(pd)
hbd16dhk DRAM address bus
RASX
78
O
(pd) hbd16dhk DRAM RAS signal of first memory chip
CASX
77
O
(pd)
hbd16dhk DRAM CAS signal of first memory chip
NOEX
79
O
(pd)
hbd16dhk DRAM OE(output enable) signal of first memory chip
NWEX
80
O
(pd) hbd16dhk DRAM WE signal of first memory chip
RASY
72
O
(pd)
hbd16dhk DRAM RAS signal of second memory chip
CASY
71
O
(pd)
hbd16dhk DRAM CAS signal of second memory chip
NOEY
73
O
(pd) hbd16dhk DRAM OE(output enable) signal of second memory chip
NWEY
76
O
(pd)
hbd16dhk DRAM WE signal of second memory chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com