Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 29 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 29 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 25Page - GENESYS LOGIC GL842 Datasheet HTML 26Page - GENESYS LOGIC GL842 Datasheet HTML 27Page - GENESYS LOGIC GL842 Datasheet HTML 28Page - GENESYS LOGIC GL842 Datasheet HTML 29Page - GENESYS LOGIC GL842 Datasheet HTML 30Page - GENESYS LOGIC GL842 Datasheet HTML 31Page - GENESYS LOGIC GL842 Datasheet HTML 32Page - GENESYS LOGIC GL842 Datasheet HTML 33Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 29
Offset 25h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
X
X
X
X
LINCNT19 LINCNT18 LINCNT17 LINCNT16
X
X
X
X
R/W
R/W
R/W
R/W
7-4 RESERVED
-
3-0 LINCNT[19:16] To set the scan lines number.
Note: Can’t be programmed to logic zero.
Offset 26h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
LINCNT15 LINCNT14 LINCNT13 LINCNT12 LINCNT11 LINCNT10 LINCNT9
LINCNT8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 LINCNT[15:8] To set the scan lines number.
Note: Can’t be programmed to logic zero.
Offset 27h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
LINCNT7
LINCNT6
LINCNT5
LINCNT4
LINCNT3
LINCNT2
LINCNT1
LINCNT0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 LINCNT[7:0]
To set the scan lines number.
Note: Can’t be programmed to logic zero.
Offset 28h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
GMMWRDATA
R/W
GMMWRDATA
This port write gamma table.
Offset 29h ……..……………………………………..………..….…..…….…. Default value = 8’hFF
LAMPPWM7 LAMPPWM6 LAMPPWM5 LAMPPWM4 LAMPPWM3 LAMPPWM2 LAMPPWM1 LAMPPWM0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 LAMPPWM[7:0] To set PWM duty for lamp power control.
0: 1/256 duty.
1: 2/256 duty.
…..
255:256/256 duty.
Offset 2Ah ……..……..……………………………..……….…..….…..…….…. Default value = 8’h00
RAMADDR15 RAMADDR14 RAMADDR13 RAMADDR12 RAMADDR11 RAMADDR10
RAMADDR9 RAMADDR8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 RAMADDR[15:8] To set DRAM start address to access data.
Note: IRAM_A[19:0]={RAMADDR[15:0],4’b0000}.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com