Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 25 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 25 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 21Page - GENESYS LOGIC GL842 Datasheet HTML 22Page - GENESYS LOGIC GL842 Datasheet HTML 23Page - GENESYS LOGIC GL842 Datasheet HTML 24Page - GENESYS LOGIC GL842 Datasheet HTML 25Page - GENESYS LOGIC GL842 Datasheet HTML 26Page - GENESYS LOGIC GL842 Datasheet HTML 27Page - GENESYS LOGIC GL842 Datasheet HTML 28Page - GENESYS LOGIC GL842 Datasheet HTML 29Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 25
Offset 17h ……………………………………………..…………..……….……. Default value = 8’h14
TGMODE1 TGMODE0
TGW5
TGW4
TGW3
TGW2
TGW1
TGW0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-6 TGMODE[1:0] To set CCD TG mode.
00 without dummy line CCD TG type.
01 with reflectional document scanning type.
10 with transparency scanning type.
11 TGMODE=2 for simulation.
5-0 TGW[5:0]
To set CCD TG width.
Note: Can’t be programmed to logic zero.
Offset 18h ……………………………………………..…………..……..………. Default value = 8’h00
CNSET
DCKSEL1 DCKSEL0 CKTOGGLE CKDELAY1 CKDELAY0 CKSEL1
CKSEL0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7 CNSET
0 TG and clock is non-Canon CIS style.
1 TG and clock set to Canon CIS style.
6-5 DCKSEL1[1:0] 00 One time CCD Clocks speed for dummy line.
01 Two times CCD Clocks speed for dummy line.
10 Three times CCD Clocks speed for dummy line.
11 Four times CCD Clocks speed for dummy line.
4 CKTOGGLE
0 One cycle per pixel.
1 Half cycle per pixel for CCD Clock 1/2.
3-2 CKDELAY[1:0] 00 No delay
01 Delay one system clock for CCD Clock 1/2.
10 Delay two systems clock for CCD Clock 1/2.
11 Delay three systems clock for CCD Clock 1/2.
1-0 CKSEL[1:0]
00 One time CCD Clock speed for capture image.
01 Two times CCD Clock speed for capture image.
10 Three times CCD Clock speed for capture image.
11 Four times CCD Clock speed for capture image.
Note: CCD Clock speed up limitation :
1. SCANMOD=0,1 : 12 clocks/pixel a. toggle CCD : be able to speed up 1,2,3,4 times.
b. non-toggle CCD : be able to speed up 1,2,3 times.
2. SCANMOD=2 : Reserved.
3. SCANMOD=3 : Reserved.
4. SCANMOD=4 : 6 clocks/pixel
a. toggle CCD : be able to speed up 1,2,3 times.
b. non-toggle CCD : can not speed up.
5. SCANMOD=5 : 15 clocks/pixel
a. toggle CCD : be able to speed up 1,2,3,4 times.
b. non-toggle CCD : be able to speed up 1,2,3 times.
6. SCANMOD=6 : 18 clocks/pixel a. toggle CCD : be able to speed up 1,2,3,4 times.
b. non-toggle CCD : be able to speed up 1,2,3,4 times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com