Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 38 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 38 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 34Page - GENESYS LOGIC GL842 Datasheet HTML 35Page - GENESYS LOGIC GL842 Datasheet HTML 36Page - GENESYS LOGIC GL842 Datasheet HTML 37Page - GENESYS LOGIC GL842 Datasheet HTML 38Page - GENESYS LOGIC GL842 Datasheet HTML 39Page - GENESYS LOGIC GL842 Datasheet HTML 40Page - GENESYS LOGIC GL842 Datasheet HTML 41Page - GENESYS LOGIC GL842 Datasheet HTML 42Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 38
Offset 52h ……..……..…………………..………..….………..….…..…..…..…. Default value = 8’h00
X
X
X
RHI4
RHI3
RHI2
RHI1
RHI0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 RHI[4:0]
To latch R channel high byte data of AFE.
Offset 53h ……..……..…………………..………..….………..….…..…..…..…. Default value = 8’h00
X
X
X
RLOW4
RLOW3
RLOW2
RLOW1
RLOW0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 RLOW[4:0]
To latch R channel low byte data of AFE.
Offset 54h ……..……..…………………..………..….………..….…..…..…..…. Default value = 8’h00
X
X
X
GHI4
GHI3
GHI2
GHI1
GHI0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 GHI[4:0]
To latch G channel high byte data of AFE.
Offset 55h ……..……..…………………..………..….………..….…..…..…..…. Default value = 8’h00
X
X
X
GLOW4
GLOW3
GLOW2
GLOW1
GLOW0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 GLOW[4:0]
To latch G channel low byte data of AFE.
Offset 56h ……..……..…………………..………..….………..….…..…..…..…. Default value = 8’h00
X
X
X
BHI4
BHI3
BHI2
BHI1
BHI0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 BHI[4:0]
To latch B channel high byte data of AFE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com