Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 33 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 33 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 29Page - GENESYS LOGIC GL842 Datasheet HTML 30Page - GENESYS LOGIC GL842 Datasheet HTML 31Page - GENESYS LOGIC GL842 Datasheet HTML 32Page - GENESYS LOGIC GL842 Datasheet HTML 33Page - GENESYS LOGIC GL842 Datasheet HTML 34Page - GENESYS LOGIC GL842 Datasheet HTML 35Page - GENESYS LOGIC GL842 Datasheet HTML 36Page - GENESYS LOGIC GL842 Datasheet HTML 37Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 33
Offset 37h …….……..……………………..………..….………..….…..…….…. Default value = 8’h00
MAXWD7 MAXWD6 MAXWD5 MAXWD4 MAXWD3 MAXWD2 MAXWD1 MAXWD0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 MAXWD[7:0] To set maximum word size per line for ASIC estimation.
If usable buffer size < MAXWD,then buffer is full.The scanner execute forward
And Backward moving.
Offset 38h ……..……..……………………..………..….………..….……..……. Default value = 8’h15
LPERIOD15 LPERIOD14 LPERIOD13 LPERIOD12 LPERIOD11 LPERIOD10
LPERIOD9 LPERIOD8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 LPERIOD[15:8] To set Line period(or exposure time) for CCD.
Unit : pixel count
Note: Can’t be programmed to logic zero.
Offset 39h ……..…..……………………..………..….………..………………. Default value = 8’h18
LPERIOD7 LPERIOD6 LPERIOD5 LPERIOD4 LPERIOD3 LPERIOD2 LPERIOD1 LPERIOD0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 LPERIOD[7:0] To set Line period(or exposure time) for CCD.
Unit : pixel count
Note: Can’t be programmed to logic zero.
Offset 3Ah ……..……..……………………………..….………..….…..…….…. Default value = 8’h00
X
X
X
X
X
X
X
FEWRDATA8
X
X
X
X
X
X
X
R/W
7-1 RESERVED
-
0 FEWRDATA8 This port is used to write data to control register of front-end.
Offset 3Bh ……..……..…………………..………..….………..….…..…….…. Default value = 8’h00
FEWRDATA7 FEWRDATA6 FEWRDATA5 FEWRDATA4 FEWRDATA3 FEWRDATA2 FEWRDATA1 FEWRDATA0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 FEWRDATA[7:0] This port is used to write data to control register of front-end.
Offset 3Ch …….……………………………………..…………..….…..…….…. Default value = 8’h00
RAMWRDATA
R/W
RAMWRDATA
This port is used to write data to DRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com