Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 31 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 31 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 27Page - GENESYS LOGIC GL842 Datasheet HTML 28Page - GENESYS LOGIC GL842 Datasheet HTML 29Page - GENESYS LOGIC GL842 Datasheet HTML 30Page - GENESYS LOGIC GL842 Datasheet HTML 31Page - GENESYS LOGIC GL842 Datasheet HTML 32Page - GENESYS LOGIC GL842 Datasheet HTML 33Page - GENESYS LOGIC GL842 Datasheet HTML 34Page - GENESYS LOGIC GL842 Datasheet HTML 35Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 31
Offset 2Fh ……..……..……………………………..….………..….…..…….…. Default value = 8’h00
BWLOW7 BWLOW6 BWLOW5 BWLOW4 BWLOW3 BWLOW2 BWLOW1 BWLOW0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 BWLOW[7:0]
To set Black & White threshold low level.
BWHI
BWLOW
a,b,c,g : are black pixels
d,e,f,h,i : are white pixels
Offset 30h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
STRPIXEL15 STRPIXEL14 STRPIXEL13 STRPIXEL12 STRPIXEL11 STRPIXEL10
STRPIXEL9 STRPIXEL8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 STRPIXEL[15:8] To set the begin pixel position (unit : pixel count).
STRPIXEL=(TGW+2*TGSHLD)+Begin pixels number.
Note: Can’t be programmed to logic zero.
Offset 31h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
STRPIXEL7 STRPIXEL6 STRPIXEL5 STRPIXEL4 STRPIXEL3 STRPIXEL2 STRPIXEL1 STRPIXEL0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 STRPIXEL[7:0] To set the begin pixel position (unit : pixel count).
STRPIXEL=(TGW+2*TGSHLD)+Begin pixels number.
Note: Can’t be programmed to logic zero.
Offset 32h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
ENDPIXEL15 ENDPIXEL14 ENDPIXEL13 ENDPIXEL12 ENDPIXEL11 ENDPIXEL10
ENDPIXEL9 ENDPIXEL8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 ENDPIXEL[15:8] To set the end pixel position (unit : pixel count).
ENDPIXEL=(TGW+2*TGSHLD)+End pixels number.
Note: Can’t be programmed to logic zero.
dh
b
c
e
f
i
bandwidth
a
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com