Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 23 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 23 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 19Page - GENESYS LOGIC GL842 Datasheet HTML 20Page - GENESYS LOGIC GL842 Datasheet HTML 21Page - GENESYS LOGIC GL842 Datasheet HTML 22Page - GENESYS LOGIC GL842 Datasheet HTML 23Page - GENESYS LOGIC GL842 Datasheet HTML 24Page - GENESYS LOGIC GL842 Datasheet HTML 25Page - GENESYS LOGIC GL842 Datasheet HTML 26Page - GENESYS LOGIC GL842 Datasheet HTML 27Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 23
Offset 11h …………………………………………..…………..……..…………. Default value = 8’h00
EXPR7
EXPR6
EXPR5
EXPR4
EXPR3
EXPR2
EXPR1
EXPR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 EXPR[7:0]
Red-LED array of CIS or Red channel TG of CCD exposure time setting.
Note: Can’t be programmed to logic zero.
Offset 12h …………………………………………..…………..……..…………. Default value = 8’h00
EXPG15
EXPG14
EXPG13
EXPG12
EXPG11
EXPG10
EXPG9
EXPG8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 EXPG[15:8]
Green-LED array of CIS or Red channel TG of CCD exposure time setting.
Note: Can’t be programmed to logic zero.
Offset 13h …………………………………………..…………..……..…………. Default value = 8’h00
EXPG7
EXPG6
EXPG5
EXPG4
EXPG3
EXPG2
EXPG1
EXPG0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 EXPG[7:0]
Green-LED array of CIS or Red channel TG of CCD exposure time setting.
Note: Can’t be programmed to logic zero.
Offset 14h …………………………………………..…………..……..…………. Default value = 8’h00
EXPB15
EXPB14
EXPB13
EXPB12
EXPB11
EXPB10
EXPB9
EXPB8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 EXPB[15:8]
Blue-LED array of CIS or Red channel TG of CCD exposure time setting.
Note: Can’t be programmed to logic zero.
Offset 15h …………………………………………..…………..……..…………. Default value = 8’h00
EXPB7
EXPB6
EXPB5
EXPB4
EXPB3
EXPB2
EXPB1
EXPB0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 EXPB[7:0]
Blue-LED array of CIS or Red channel TG of CCD exposure time setting.
Note: Can’t be programmed to logic zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com