Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 45 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 45 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 41Page - GENESYS LOGIC GL842 Datasheet HTML 42Page - GENESYS LOGIC GL842 Datasheet HTML 43Page - GENESYS LOGIC GL842 Datasheet HTML 44Page - GENESYS LOGIC GL842 Datasheet HTML 45Page - GENESYS LOGIC GL842 Datasheet HTML 46Page - GENESYS LOGIC GL842 Datasheet HTML 47Page - GENESYS LOGIC GL842 Datasheet HTML 48Page - GENESYS LOGIC GL842 Datasheet HTML 49Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 45
Offset 69h ……..………………..………..………..….………..….…..…..…..…. Default value = 8’h00
FSHDEC7 FSHDEC6 FSHDEC5 FSHDEC4 FSHDEC3 FSHDEC2 FSHDEC1 FSHDEC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 FSHDEC[7:0]
Set scan-finish deceleration slop steps(table three slope).
Note: Can’t be programmed to logic zero.
Offset 6Ah ……..………………………..………..….………..….…..…..…..…. Default value = 8’h00
FMOVNO7 FMOVNO6 FMOVNO5 FMOVNO4 FMOVNO3 FMOVNO2 FMOVNO1 FMOVNO0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 FMOVNO[7:0] Set fast moving slop steps(table four slope).
Note: Can’t be programmed to logic zero.
(1). Two table moving :
speed
Scanning position
scan finished
Reg3D,3E,3F
Reg6A
Reg1F
Reg25,26,27
Reg21
Reg69
Reg5E[7:5]
Reg5E[4:0]
Reg6A
time
Reg5F
Go home
(1). One table moving :
speed
Scanning position
scan finished
Reg3D,3E,3F
Reg25,26,27
Reg21
Reg69
time
Reg5F
Reg5E[7:5]
Reg6A
Go home



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com