Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 14 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 14 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 10Page - GENESYS LOGIC GL842 Datasheet HTML 11Page - GENESYS LOGIC GL842 Datasheet HTML 12Page - GENESYS LOGIC GL842 Datasheet HTML 13Page - GENESYS LOGIC GL842 Datasheet HTML 14Page - GENESYS LOGIC GL842 Datasheet HTML 15Page - GENESYS LOGIC GL842 Datasheet HTML 16Page - GENESYS LOGIC GL842 Datasheet HTML 17Page - GENESYS LOGIC GL842 Datasheet HTML 18Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 14
CHAPTER 4 REGISTERS
4.1 Registers Base Address
Table 4.1 - Base Address for Registers
Offset
(Hex)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
01h
CISSET DOGENB DVDSET
X
M16DRAM
DRAMSEL SHDAREA
SCAN
8’h00
02h NOTHOME ACDCDIS AGOHOME MTRPWR FASTFED MTRREV HOMENEG LONGCURV 8’h00
03h LAMPDOG AVEENB XPASEL LAMPPWR
LAMPTIM[3:0]
8’h0C
04h LINEART BITSET
AFEMOD[1:0]
FILTER[1:0]
FESET[1:0]
8’h00
05h
DPIHW[1:0]
MTLLAMP[1:0]
GMMENB
X
MTLBASE[1:0]
8’h00
06h
SCANMOD[2:0]
PWRBIT
GAIN4
OPTEST[2:0]
8’h00
07h
X
X
X
X
SRAMSEL FASTDMA
DMASEL DMARDWR 8’h00
08h
X
DECFLAG
GMMFFR
GMMFFG GMMFFB GMMZR GMMZG GMMZB 8’h00
09h
MCNTSET[1:0]
CLKSET[1:0]
BACKSCAN
ENHANCE SHORTTG
NWAIT 8’h00
0Ah
X
X
X
X
X
X
X
SRAMBUF
8’h00
0Bh
X
X
X
X
X
X
X
X
-
0Ch
X
X
X
X
X
X
X
X
-
0Dh
X
X
X
X
X
X
X
CLRLNCNT
-
0Eh
SCANRESET
-
0Fh
MOVE
-
10h
EXPR15 EXPR14 EXPR13 EXPR12 EXPR11 EXPR10
EXPR9
EXPR8
8’h00
11h
EXPR7
EXPR6
EXPR5
EXPR4
EXPR3
EXPR2
EXPR1
EXPR0
8’h00
12h EXPG15 EXPG14 EXPG13 EXPG12 EXPG11 EXPG10
EXPG9
EXPG8
8’h00
13h
EXPG7
EXPG6
EXPG5
EXPG4
EXPG3
EXPG2
EXPG1
EXPG0
8’h00
14h
EXPB15 EXPB14 EXPB13 EXPB12 EXPB11 EXPB10
EXPB9
EXPB8
8’h00
15h
EXPB7
EXPB6
EXPB5
EXPB4
EXPB3
EXPB2
EXPB1
EXPB0
8’h00
16h CTRLHI TOSHIBA TGINV
CK1INV CK2INV CTRLINV CKDIS CTRLDIS 8’h32
17h
TGMODE[1:0]
TGW[5:0]
8’h14
18h
CNSET
DCKSEL[1:0]
CKTOGGLE
CKDELAY[1:0]
CKSEL[1:0]
8’h00
19h
EXPDMY[7:0]
8’h00
1Ah
X
X
MANUAL3 MANUAL1
CK4INV CK3INV LINECLP
X
8’h00
1Bh
X
X
X
X
X
X
X
X
-
1Ch CK4MTGL CK3MTGL CK1MTGL CKAREA MTLWD
TGTIME[2:0]
8’h00
1Dh CK4LOW CK3LOW CK1LOW
TGSHLD[4:0]
8’h04
1Eh
WDTIME[3:0]
LINESEL[3:0]
8’h20
1Fh
SCANFED[7:0]
8’h00
20h
BUFSEL[7:0]
8’h00
21h
STEPNO[7:0]
8’h00
22h
FWDSTEP[7:0]
8’h00
23h
BWDSTEP[7:0]
8’h00
24h
FASTNO[7:0]
8’h00
25h
X
X
X
X
LINCNT[19:16]
8’h00
26h
LINCNT[15:8]
8’h00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com