Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 56 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 56 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 52Page - GENESYS LOGIC GL842 Datasheet HTML 53Page - GENESYS LOGIC GL842 Datasheet HTML 54Page - GENESYS LOGIC GL842 Datasheet HTML 55Page - GENESYS LOGIC GL842 Datasheet HTML 56Page - GENESYS LOGIC GL842 Datasheet HTML 57Page - GENESYS LOGIC GL842 Datasheet HTML 58Page - GENESYS LOGIC GL842 Datasheet HTML 59Page - GENESYS LOGIC GL842 Datasheet HTML 60Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 56
4 Fast Scan for Low DPI
Speed up CCD clocking rates allows speeding up scanning speed.
Such as Stagger CCD, you can speed up 2 times, 4 times scanning time for low resolution as 600dpi
Scanner: if 75dpi speed up 4 times then 1.620ms/4=0.405ms/line.
Scan speed is equal to 0.355s/page.
5 Scanning Type
Support three line in(parallel ) for CCD, one line in for CIS two types.
A. CCD
a. Three line in:
R
G
B
a. Line by line:
R
G
B
B. CIS
a. Color scan:
TG
LED R
LED G
LED B
b. Gray scan:
TG
LED R/G/B
c. True gray scan:
TG
LED R
LED G
LED B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com