Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 63 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 63 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 56Page - GENESYS LOGIC GL842 Datasheet HTML 57Page - GENESYS LOGIC GL842 Datasheet HTML 58Page - GENESYS LOGIC GL842 Datasheet HTML 59Page - GENESYS LOGIC GL842 Datasheet HTML 60Page - GENESYS LOGIC GL842 Datasheet HTML 61Page - GENESYS LOGIC GL842 Datasheet HTML 62Page - GENESYS LOGIC GL842 Datasheet HTML 63Page - GENESYS LOGIC GL842 Datasheet HTML 64Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 63
7.3 DC Characteristics (Digital Pins): 5.0 V Pads
Table 7.3 - DC Characteristics (Digital Pins): 5.0 V Pads
SYMBOL
Description
Min
Typ.
Max
Unit
PD
Power Dissipation
mA
VccIO1~6
Power Supply Voltage 5.0V
4.5
5.0
5.5
V
IO
DC output sink current excluding
D+/D-/VCC/GND
16
mA
VIL
LOW level input voltage
0.9
V
VIH
HIGH level input voltage
2.4
V
VTLH
LOW to HIGH threshold voltage
V
VTHL
HIGH to LOW threshold voltage
V
VOL
LOW level output voltage when IOL=8mA
0.4
V
VOH
HIGH level output voltage when IOH=8mA
2.4
V
IOLK
Leakage current for pads with internal pull up
or pull down resistor
46
µA
RDN
Pad internal pulldown resister
104.6K
159.5K
206.6K
Ω
RUP
Pad internal pullup resister
81.9K
103.2K
254.6K
Ω
7.4 DC Characteristics (D+/D-)
Table 7.4 - DC Characteristics (D+/D-)
SYMBOL
Description
Min
Typ.
Max
Unit
VOL
D+/D- static output LOW(RL of 1.5K to 3.6V )
0.3
V
VOH
D+/D- static output HIGH (RL of 15K to GND )
2.8
3.6
V
VDI
Differential input sensitivity
0.2
V
VCM
Differential common mode range
0.8
2.5
V
VSE
Single-ended receiver threshold
0.2
V
CIN
Transceiver capacitance
20
pF
ILO
Hi-Z state data line leakage
-10
+10
µA
ZDRV
Driver output resistance
28
43
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com