Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 18 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 18 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 14Page - GENESYS LOGIC GL842 Datasheet HTML 15Page - GENESYS LOGIC GL842 Datasheet HTML 16Page - GENESYS LOGIC GL842 Datasheet HTML 17Page - GENESYS LOGIC GL842 Datasheet HTML 18Page - GENESYS LOGIC GL842 Datasheet HTML 19Page - GENESYS LOGIC GL842 Datasheet HTML 20Page - GENESYS LOGIC GL842 Datasheet HTML 21Page - GENESYS LOGIC GL842 Datasheet HTML 22Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 18
4.2 Register Descriptions
Offset 01h ………………………………………………………..………………. Default value = 8’h00
CISSET
DOGENB
DVDSET
X
M16DRAM DRAMSEL SHDAREA
SCAN
R/W
R/W
R/W
X
R/W
R/W
R/W
R/W
7 CISSET
0 CCD scan type.
1 CIS scan type.
6 DOGENB
0 Disable.
1 Enable watch dog of ASIC(set time out:Reg1E[7:4]).
5 DVDSET
0 Disable shading
1 Enable shading (include whole line shading and area shading two kinds).
4 RESERVED
-
3 M16DRAM
0 To select 4M or 8M bits DRAM(256*16).
1 To select 16M bits DRAM (1M * 16).
2 DRAMSEL
0 The DRAM size is 4Mx1(256kx16x1) bits.
1 The DRAM size is 4Mx2 (256kx16x2) bits.
1 SHDAREA
0 Shading area is whole line.
1 Enable shading area (depend on scan area and scan dpi).
0 SCAN
0 Disable scan process.
1 Enable scan process.
Offset 02h ………………………………………………………..………………. Default value = 8’h00
NOTHOME ACDCDIS AGOHOME MTRPWR FASTFED
MTRREV HOMENEG LONGCURV
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7 NOTHOME
0 Go back to home position automatically.
1 Auto-go-home doesn’t go back to home position.
6 ACDCDIS
0 Enable forward/backward moving whenever buffer full.
1 Disable forward/backward moving whenever buffer full.
5 AGOHOME
0 Disable auto-go-home fnction.
1 Whenever scan is finished, carriage go home automatically.
4 MTRPWR
0 Turn off MOTOR power and phase.
1 Turn on MOTOR power and phase.
3 FASTFED
0 Disable two table, only use single table.
1 Enable two table for motor moving of the acceleration/deceleration.
2 MTRREV
0 Set motor forward moving.
1 Set motor reverse moving.
1 HOMENEG
0 To indicate whenever home sensor change from low to high (rising edge) then
motor is decelerated.
1 To indicate whenever home sensor change from high to low (falling edge) then
motor is decelerated.
0 LONGCURV
0 The deceleration curve of the fast moving is table 4.
1 The deceleration curve of the fast moving is table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com