Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 37 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 37 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 33Page - GENESYS LOGIC GL842 Datasheet HTML 34Page - GENESYS LOGIC GL842 Datasheet HTML 35Page - GENESYS LOGIC GL842 Datasheet HTML 36Page - GENESYS LOGIC GL842 Datasheet HTML 37Page - GENESYS LOGIC GL842 Datasheet HTML 38Page - GENESYS LOGIC GL842 Datasheet HTML 39Page - GENESYS LOGIC GL842 Datasheet HTML 40Page - GENESYS LOGIC GL842 Datasheet HTML 41Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 37
Offset 4Bh
X
X
X
X
SCANCNT19 SCANCNT18 SCANCNT17 SCANCNT16
X
X
X
X
R
R
R
R
7-4 RESERVED
-
3-0 SCANCNT[19:16] To read scanner finished lines number.
Offset 4Ch
SCANCNT15 SCANCNT14 SCANCNT13 SCANCNT12 SCANCNT11 SCANCNT10
SCANCNT9 SCANCNT8
R
R
R
R
R
R
R
R
7-0 SCANCNT[15:8] To read scanner finished lines number.
Offset 4Dh
SCANCNT7 SCANCNT6 SCANCNT5 SCANCNT4 SCANCNT3 SCANCNT2 SCANCNT1 SCANCNT0
R
R
R
R
R
R
R
R
7-0 SCANCNT[7:0] To read scanner finished lines number.
Offset 4Eh
GMMRDDATA
R
GMMRDDATA
This port to read back the gamma table.
Offset 50h ……..……..…………………..………..….………..……....…..….…. Default value = 8’h00
X
X
FERDA5
FERDA4
FERDA3
FERDA2
FERDA1
FERDA0
X
X
R/W
R/W
R/W
R/W
R/W
R/W
7-6 RESERVED
-
5-0 FERDA[5:0]
This port is read address setting for Front End control register read.
Offset 51h ……..……..…………………..………..….………..….…..…..…..…. Default value = 8’h00
X
X
FEWRA5
FEWRA4
FEWRA3
FEWRA2
FEWRA1
FEWRA0
X
X
R/W
R/W
R/W
R/W
R/W
R/W
7-6 RESERVED
-
5-0 FEWRA[5:0]
This port is write address setting for Front End control register write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com