Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 15 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 15 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 11Page - GENESYS LOGIC GL842 Datasheet HTML 12Page - GENESYS LOGIC GL842 Datasheet HTML 13Page - GENESYS LOGIC GL842 Datasheet HTML 14Page - GENESYS LOGIC GL842 Datasheet HTML 15Page - GENESYS LOGIC GL842 Datasheet HTML 16Page - GENESYS LOGIC GL842 Datasheet HTML 17Page - GENESYS LOGIC GL842 Datasheet HTML 18Page - GENESYS LOGIC GL842 Datasheet HTML 19Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 15
27h
LINCNT[7:0]
8’h00
28h
“GMMWRDATA”
8’h00
29h
LAMPPWM[7:0]
8’h00
2Ah
RAMADDR[15:8]
8’h00
2Bh
RAMADDR[7: 0]
8’h00
2Ch
X
X
X
X
DPISET[11:8]
8’h00
2Dh
DPISET[7:0]
8’h00
2Eh
BWHI[7:0]
8’h00
2Fh
BWLOW[7:0]
8’h00
30h
STRPIXEL[15:8]
8’h00
31h
STRPIXEL[7:0]
8’h00
32h
ENDPIXEL[15:8]
8’h00
33h
ENDPIXEL[7:0]
8’h00
34h
DUMMY[7:0]
8’h00
35h
X
X
X
X
MAXWD[19:16]
8’h00
36h
MAXWD[15:8]
8’h00
37h
MAXWD[7:0]
8’h00
38h
LPERIOD[15:8]
8’h15
39h
LPERIOD[7:0]
8’h18
3Ah
X
X
X
X
X
X
X
FEWRDATA8
8’h00
3Bh
FEWRDATA[7:0]
8’h00
3Ch
“RAMWRDATA”
8’h00
3Dh
X
X
X
X
FEEDL[19:16]
8’h00
3Eh
FEEDL[15:8]
8’h00
3Fh
FEEDL[7:0]
8’h00
40h
HISPDFL MOTMFL DATAEN
-
41h PWRBIT BUFEMP FEEDFS SCANFS HOMESN LAMPST FEBUSY MOTORE
-
42h
X
X
X
X
VALIDWORD[19:16]
-
43h
VALIDWORD[15:8]
-
44h
VALIDWORD[7:0]
-
45h
“RAMRDDATA”
-
46h
X
X
X
X
X
X
X
FERDDATA8
-
47h
FERDDATA[7:0]
-
48h
X
X
X
X
FEDCNT[19:16]
-
49h
FEDCNT[15:8]
-
4Ah
FEDCNT[7:0]
-
4Bh
X
X
X
X
SCANCNT[19:16]
-
4Ch
SCANCNT[15:8]
-
4Dh
SCANCNT[7:0]
-
4Eh
“GMMRDDATA”
-
4Fh
X
X
X
X
X
X
X
X
-
50h
X
X
FERDA[5:0]
8’h00
51h
X
X
FEWRA[5:0]
8’h00
52h
RHI[4:0]
8’h00
53h
RLOW[4:0]
8’h00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com