Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 60 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 60 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 56Page - GENESYS LOGIC GL842 Datasheet HTML 57Page - GENESYS LOGIC GL842 Datasheet HTML 58Page - GENESYS LOGIC GL842 Datasheet HTML 59Page - GENESYS LOGIC GL842 Datasheet HTML 60Page - GENESYS LOGIC GL842 Datasheet HTML 61Page - GENESYS LOGIC GL842 Datasheet HTML 62Page - GENESYS LOGIC GL842 Datasheet HTML 63Page - GENESYS LOGIC GL842 Datasheet HTML 64Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 60
20 Stepping Motor Phase Control
There is 8 output control pins to control stepping motor.mtr_ph0~7 for bi-polar and mtr_ph0~3 for uni-polar.
A. bi-polar:
a. Support 2916 motor driver timing and 2916 compatible driver IC, such as L6219.
Include full, half and quarter step control.
b. Support 3955 motor driver timing.
Include full, half, quarter and eighth step control.
c. Support LB1939,LB1940 motor driver timing.
Include full and half step control.
B. uni-polar:
a. Support 2003 motor driver timing and 2003 compatible driver IC.
b. Include full step two phases on, full step single phase on and half step.
c. PWM control, include frequency and duty control.
PWM
Duty
Frequency
Phase on time
21 Watch-Dog Protection
This function can automatically reset the system to initial state, whenever the system is held (no access signal)
beyond the time limit. Be able to enable or disable this function by S/W.
This function can protect motor power, lamp power and ASIC system.
Calculation formula: (30sec.) * (times setting) * (setting no.).
The range of setting no. is 1~15; the range of times setting is 0~1.
22 Lamp Timeout Control
This circuitry can automatically reset the lamp power, whenever the system is setting. Be able to enable or
disable this function by S/W.
Calculation formula: (60sec.) x (times setting) x (setting no.).
The range of setting no. is 1~7;the range of times setting is 0~3.
23 Lamp Power Control
These are two power control ports for lamp. One is for Flatbed and the other is for XPA (Transparency or film).
The resolution of it’s PWM type is 8 bits. Duty range is 1/256~256/256.
Note: carrier frequency is (system clock)/256.
24 Sensor Input
The system support home sensor input port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com