Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 12 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 12 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 8Page - GENESYS LOGIC GL842 Datasheet HTML 9Page - GENESYS LOGIC GL842 Datasheet HTML 10Page - GENESYS LOGIC GL842 Datasheet HTML 11Page - GENESYS LOGIC GL842 Datasheet HTML 12Page - GENESYS LOGIC GL842 Datasheet HTML 13Page - GENESYS LOGIC GL842 Datasheet HTML 14Page - GENESYS LOGIC GL842 Datasheet HTML 15Page - GENESYS LOGIC GL842 Datasheet HTML 16Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 12
Miscellaneous
Pin Name
Pin#
Type
ASIC I/O
Cell
Description
TSTSEL[1:0]
116,115
I
(pd)
hbd16dhk To select mode: Normal mode=0
MTR_SEL[1:0]
28,27
I
(pd)
hbd16dhk
MTR_SEL[1:0]=10 select Bi_polar 3955
MTR_SEL[1:0]=01 select Bi_polar 2916 OR 6219
MTR_SEL[1:0]=00 select Uni_polar 2003
X1
3
I
-
Clock input for crystal (12MHz)
X2
2
I/O
-
Clock output for crystal
EXTRST_
117
I
Hbd8rteu Hardware reset input
USB Interface
Pin Name
Pin#
Type
ASIC I/O
Cell
Description
NC or DGND
118
P
-
NC or USB shield ground
RPU
121
-
-
3.3V Pull up control for DPF
DPF
123
I/O
-
Positive USB differential data (Full Speed)
DPH
124
I/O
-
Positive USB differential data (High Speed)
DMF
125
I/O
-
Negative USB Differential Data (Full Speed)
DMH
126
I/O
-
Negative USB Differential Data (High Speed)
RREF
128
-
-
510 Ω reference resistor input
Power / Ground
Pin Name
Pin#
Type
ASIC I/O
Cell
Description
AVDD, AVCC1
122,1
P
-
Analog power input for USB2.0 transceiver 3.3V
AGND, AGND1
127,4
P
-
Analog ground input for USB2.0 transceiver
DVCC0, DVCC1
119,5
P
-
Digital power input for USB2.0 controller 3.3V
DGND0, DGND1
120,6
P
-
Digital ground input for USB2.0 controller.
VccCore1~4
21,52,82,
113
P
-
Digital power input for scanner controller logic core 3.3V
GndCore1~4,
Gndio1~6
22,53,83,
114,26,49,
64,75,91,
104
P
-
Digital ground input for scanner controller.
Vccio1
25
P
-
For Pin7~Pin39 3.3V or 5V
Vccio2
48
P
-
For Pin40~Pin58 3.3V or 5V
Vccio3
63
P
-
For Pin59~Pin66 3.3V or 5V
Vccio4~6
74,90,103
P
-
For Pin67~116 3.3V or 5V
Note: hbd16* is for 6mA; hbd8* is for 8mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com