Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 32 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 32 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 28Page - GENESYS LOGIC GL842 Datasheet HTML 29Page - GENESYS LOGIC GL842 Datasheet HTML 30Page - GENESYS LOGIC GL842 Datasheet HTML 31Page - GENESYS LOGIC GL842 Datasheet HTML 32Page - GENESYS LOGIC GL842 Datasheet HTML 33Page - GENESYS LOGIC GL842 Datasheet HTML 34Page - GENESYS LOGIC GL842 Datasheet HTML 35Page - GENESYS LOGIC GL842 Datasheet HTML 36Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 32
Offset 33h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
ENDPIXEL7 ENDPIXEL6 ENDPIXEL5 ENDPIXEL4 ENDPIXEL3 ENDPIXEL2 ENDPIXEL1 ENDPIXEL0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 ENDPIXEL[7:0] To set the end pixel position (unit : pixel count).
ENDPIXEL=(TGW+2*TGSHLD)+End pixels number.
Note: Can’t be programmed to logic zero.
Offset 34h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
DUMMY7 DUMMY6 DUMMY5 DUMMY4 DUMMY3 DUMMY2 DUMMY1 DUMMY0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 DUMMY[7:0]
To set the CCD dummy & optical black pixels position (unit : pixel count).
Note: Reg30,31,32,33 and 34 setting rule.
TGSHLD(Reg1D) RGW(Reg17)
TGSHLD(Reg1D)
CCD TG
CCD clock
CCD pixel no: N-1
N
0
1
2
3
4
For example begin pixel is 65 ,end pixel is 100 and CCD dummy pixel is 64,
Then STRPIXEL=(TGW+2*TGSHLD)+65.
ENDPIXEL=(TGW+2*TGSHLD)+100.
DUMMY =(TGW+2*TGSHLD)+64.
Note: Can’t be programmed to logic zero.
Offset 35h ……..…..……………………..………..….………..….…..…….…. Default value = 8’h00
X
X
X
X
MAXWD19 MAXWD18 MAXWD17 MAXWD16
X
X
X
X
R/W
R/W
R/W
R/W
7-4 RESERVED
-
3-0 MAXWD[19:16] To set maximum word size per line for ASIC estimation.
If usable buffer size < MAXWD,then buffer is full.The scanner execute forward
And Backward moving.
Offset 36h …….……..……………………..………..….………..….…..…….…. Default value = 8’h00
MAXWD15 MAXWD14 MAXWD13 MAXWD12 MAXWD11 MAXWD10 MAXWD9 MAXWD8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 MAXWD[15:8] To set maximum word size per line for ASIC estimation.
If usable buffer size < MAXWD,then buffer is full.The scanner execute forward
And Backward moving.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com