Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 16 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 16 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 12Page - GENESYS LOGIC GL842 Datasheet HTML 13Page - GENESYS LOGIC GL842 Datasheet HTML 14Page - GENESYS LOGIC GL842 Datasheet HTML 15Page - GENESYS LOGIC GL842 Datasheet HTML 16Page - GENESYS LOGIC GL842 Datasheet HTML 17Page - GENESYS LOGIC GL842 Datasheet HTML 18Page - GENESYS LOGIC GL842 Datasheet HTML 19Page - GENESYS LOGIC GL842 Datasheet HTML 20Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 16
54h
GHI[4:0]
8’h00
55h
GLOW[4:0]
8’h00
56h
BHI[4:0]
8’h00
57h
BLOW[4:0]
8’h00
58h
VSMP[4:0]
VSMPW[2:0]
8’h00
59h
BSMP[4:0]
BSMPW[2:0]
8’h00
5Ah ADCLKINV RLCSEL
CDSREF[1:0]
RLC[3:0]
8’hC0
5Bh
X
X
X
X
X
X
GMMADDR[9:8]
8’h00
5Ch
GMMADDR[7:0]
8’h00
5Dh
HISPD[7:0]
8’h00
5Eh
DECSEL[2:0]
STOPTIM[4:0]
8’h00
5Fh
FMOVDEC[7:0]
8’h00
60h
X
X
X
Z1MOD[20:16]
8’h00
61h
Z1MOD[15:8]
8’h00
62h
Z1MOD[7:0]
8’h00
63h
X
X
X
Z2MOD[20:16]
8’h00
64h
Z2MOD[15:8]
8’h00
65h
Z2MOD[7:0]
8’h00
66h
PHFREQ[7:0]
8’h00
67h
STEPSEL[1:0]
MTRPWM[5:0]
8’h7F
68h
FSTPSEL[1:0]
FASTPWM[5:0]
8’h7F
69h
FSHDEC[7:0]
8’h00
6Ah
FMOVNO[7:0]
8’h00
6Bh MULTFIL GPOM13 GPOM12 GPOM11
X
X
GPO18
GPO17
8’h00
6Ch
GPIO16
GPIO15
GPIO14
GPIO13
GPIO12
GPIO11
GPIO10
GPIO9
8’h00
6Dh
GPIO8
GPIO7
GPOI6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
8’h00
6Eh GPOE16 GPOE15 GPOE14 GPOE13 GPOE12 GPOE11 GPOE10
GPOE9
8’h00
6Fh
GPOE8
GPOE7
GPOE6
GPOE5
GPOE4
GPOE3
GPOE2
GPOE1
8’h00
70h
X
X
X
RSH[4:0]
8’h15
71h
X
X
X
RSL[4:0]
8’h17
72h
X
X
X
CPH[4:0]
8’h15
73h
X
X
X
CPL[4:0]
8’h17
74h
X
X
X
X
X
X
CK1MAP[17:16]
8’h00
75h
CK1MAP[15:8]
8’h00
76h
CK1MAP[7:0]
8’h00
77h
X
X
X
X
X
X
CK3MAP[17:16]
8’h00
78h
CK3MAP[15:8]
8’h00
79h
CK3MAP[7:0]
8’h00
7Ah
X
X
X
X
X
X
CK4MAP[17:16]
8’h00
7Bh
CK4MAP[15:8]
8’h00
7Ch
CK4MAP[7:0]
8’h00
7Dh CK1NEG CK3NEG CK4NEG RSNEG
CPNEG BSMPNEG VSMPNEG DLYSET 8’h00
7Eh
X
X
GPOLED GPOLED GPOLED GPOLED GPOLED GPOLED 8’h00
7Fh
BSMPDLY[1:0]
VSMPDLY[1:0]
LEDCNT[3:0]
8’h00
80h
VRHOME[1:0]
VRMOVE[1:0]
VRBACK[1:0]
VRSCAN[1:0]
8’h00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com