Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 55 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 55 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 51Page - GENESYS LOGIC GL842 Datasheet HTML 52Page - GENESYS LOGIC GL842 Datasheet HTML 53Page - GENESYS LOGIC GL842 Datasheet HTML 54Page - GENESYS LOGIC GL842 Datasheet HTML 55Page - GENESYS LOGIC GL842 Datasheet HTML 56Page - GENESYS LOGIC GL842 Datasheet HTML 57Page - GENESYS LOGIC GL842 Datasheet HTML 58Page - GENESYS LOGIC GL842 Datasheet HTML 59Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 55
CHAPTER 6 FUNCTIONAL DESCRIPTION
1 System Clock
Internal PLL.
A. PLL: 12MHz input, 24, 30, 40 MHz output to internal system .
2 Pixel Clock
A. Normal mode
Scan mode 0:
a. 12 system clock/pixel.
(three-line-in or one-line-in)
b. Chunky color(three line in),fine-gray or fine-line-art scan for CCD.
c. Planar color scan (one line in) or Monochrome scan for CIS.
B. Fast mode
Scan mode 4 (one line in):
a. 6 system clock/pixel.
b. Planar color scan (one line in) or Monochrome scan.
c. Fast-gray or fast-line-art scan for CCD.
d. Planar color(one line in),gray, true gray or line-art scan for CIS.
C. Scan mode 5 (three line in):
a. 15 system clock/pixel
b. Chunky color(three line in),fine-gray or fine-line-art scan for CCD.
c. Planar color scan (one line in) or Monochrome scan for CIS.
D. Scan mode 6 (three line in):
a. 18 system clock/pixel.
b. Chunky color(three line in),fine-gray or fine-line-art scan for CCD.
c. Planar color scan (one line in) or Monochrome scan for CIS.
Note: Chunky Color is R1G1B1, R2G2B2, R3G3B3,………(three-line-in or pixel rate)
Planar Color is R1, R2, R3,…..;G1,G2,G3,…….;B1,B2,B3,……..(one-line-in or line rate)
CCD: Chunky color or planar color.
CIS: Planar color
3 Scan Speed
A. System clock = 30MHz:
a. Normal Mode: Chunky color, fine gray or fine line art scan.
(scan mode 0)
12x33.333ns/pixel = 0.4us/pixel
(1). 600dpi: 2.160ms/line, 15.163s/page.
(2). 1200dpi: 4.320ms/line, 60.653s/page.
b. Fast Mode: Planar color , fast gray or fast line art scan.
(scan mode 4) 6x33.333ns/pixel = 0.2us/pixel
(1). 600dpi: 1.08ms/line, 7.582s/page for fast gray or fast line art.
(2). 1200dpi: 2.160ms/line, 30.326s/page for fast gray or fast line art.
B. System clock = 40MHz:
a. Normal Mode: Chunky color, fine gray or fine line art scan.
12x25ns/pixel = 0.3us/pixel
(1). 600dpi: 1.620ms/line, 11.372s/page.
(2). 1200dpi: 3.240ms/line, 45.488s/page.
b. Fast Mode: Planar color , fast gray or fast line art scan.
6x25ns/pixel = 0.15us/pixel
(1). 600dpi: 0.81ms/line, 5.616s/page for fast gray or fast line art.
(2). 1200dpi: 1.62ms/line, 22.744s/page for fast gray or fast line art.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com