Electronic Components Datasheet Search
  English  ▼

X  

GL842 Datasheet(PDF) 27 Page - GENESYS LOGIC

Part # GL842
Description  USB 2.0 2-in-1 Scanner Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL842 Datasheet(HTML) 27 Page - GENESYS LOGIC

Back Button GL842 Datasheet HTML 23Page - GENESYS LOGIC GL842 Datasheet HTML 24Page - GENESYS LOGIC GL842 Datasheet HTML 25Page - GENESYS LOGIC GL842 Datasheet HTML 26Page - GENESYS LOGIC GL842 Datasheet HTML 27Page - GENESYS LOGIC GL842 Datasheet HTML 28Page - GENESYS LOGIC GL842 Datasheet HTML 29Page - GENESYS LOGIC GL842 Datasheet HTML 30Page - GENESYS LOGIC GL842 Datasheet HTML 31Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
GL842 USB 2.0 2-in-1 Scanner Controller
Genesys Logic Inc.—All rights reserved.
Page 27
Offset 1Dh ……..……………………………………..…………..….…..………. Default value = 8’h04
CK4LOW
CK3LOW
CK1LOW TGSHLD4 TGSHLD3 TGSHLD2 TGSHLD1 TGSHLD0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7 CK4LOW
To set CCD clock4 are low under CCD TG.
6 CK3LOW
To set CCD clock3 are low under CCD TG.
5 CK1LOW
To set CCD clock1,2 are low under CCD TG.
4-0 TGSHLD[4:0] To set CCD TG shoulder width.
Note: You have to program the TGSHLD >= 2 (more than two).
Offset 1Eh ……..……………………………………..…………..….…..………. Default value = 8’h20
WDTIME3 WDTIME2 WDTIME1 WDTIME0 LINESEL3 LINESEL2 LINESEL1 LINESEL0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-4 WDTIME[3:0] To set watch-dog time.
The unit is 30 seconds.
3-0 LINESEL[3:0] To set CIS Vertical DPI or dummy lines.
CIS : LINESEL = 0 full dpi.
= 1 1/2 dpi.
= 2 1/3 dpi.
…..
= 15 1/16 dpi.
CCD : LINESEL = 0 no dummy line.
= 1 1 dummy line.
= 2 2 dummy lines.
…..
= 15 15 dummy lines.
Note: CIS can be implemented dummy line by motor move mothod,not dummy
lines.
Offset 1Fh ……..……………………………………..…………..….…..…….…. Default value = 8’h00
SCANFED7 SCANFED6 SCANFED5 SCANFED4 SCANFED3 SCANFED2 SCANFED1 SCANFED0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 SCANFED[7:0] Move to scanning position by table one under two table operation.
Note: Can’t be programmed to logic zero.
Offset 20h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
BUFSEL7
BUFSEL6
BUFSEL5
BUFSEL4
BUFSEL3
BUFSEL2
BUFSEL1
BUFSEL0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 BUFSEL[7:0]
To set buffer condition (unit = 4k word).
Scanner execute backward/forward moving whenever buffer full.
If MAXWD < buffer condition, then motor move forward to scan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com