Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 177 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 177 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 173Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 174Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 175Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 176Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 177Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 178Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 179Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 180Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 181Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 512 page
background image
Chapter 10 DMA Controller
10-1
10. DMA Controller
10.1 Features
The TX3927 DMA Controller (DMAC) handles data transfers between memory and I/O peripherals and
from memory to memory.
The DMA Controller features the following:
•
4 DMA channels
•
Supports linked-list command chaining on all channels.
•
Single- and dual-address transfers
•
Memory-to-memory transfers
Supports burst reads and writes of up to 8 words (provided data is word-aligned).
•
Channel priorities are individually determined for channels configured for snooping and non-snooping
operations.
•
24-bit signed address increment registers for both source and destination addresses
•
24-bit byte transfer counters per channel
•
Supports 8-, 16-, and 32-bit I/O peripherals.
16-bit peripherals can use both single- and dual-address transfers.
8-bit peripherals can use only dual-address transfers.
•
The DMA acknowledge pins are available for use as the read/write transfer strobe for off-chip
peripherals using single-address transfers.
For single-address transfers, the I/O peripheral width must be equal to the memory width.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com