Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 180 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 180 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 176Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 177Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 178Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 179Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 180Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 181Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 182Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 183Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 184Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 512 page
background image
Chapter 10 DMA Controller
10-4
10.3.2
Master Control Register (MCR)
0xFFFE_B0A4
This register contains control and status bits for all DMAC channels.
31
30
29
28
27
26
25
24
23
18
17
16
EIS3
EIS2
EIS1
EIS0
DIS3
DIS2
DIS1
DIS0
0
FIFOVC
RR
RR
RR
RR
R
: Type
00
00
00
00
00
: Initial value
15
14
13
11
10
8
7
6
3
2
1
0
FIFOVC
FIFWP
FIFRP
RSFIF
FIFUM
LE
RRPT MSTEN
R
R
R
R/W
R/W
R/W
R/W
R/W : Type
00
000
000
0
0000
0
0
0
: Initial value
Bits
Mnemonic
Field Name
Description
31
EIS3
Error Interrupt
Status for
Channel 3
Error Interrupt Status for Channel 3 (initial value: 0x0)
Indicates whether an error interrupt condition has occurred on Channel 3. This bit is
the logical AND of the Interrupt Enable on Error bit of the Channel Control Register 3
(CCR3.INTENE) and the Abnormal Chain Completion bit of the Channel Status
Register 3 (CSR3.ABCHC).
1: An error interrupt condition has occurred.
0: An error interrupt condition has not occurred.
30
EIS2
Error Interrupt
Status for
Channel 2
Error Interrupt Status for Channel 2 (initial value: 0x0)
Indicates whether an error interrupt condition has occurred on Channel 2. This bit is
the logical AND of the Interrupt Enable on Error bit of the Channel Control Register 2
(CCR2.INTENE) and the Abnormal Chain Completion bit of the Channel Status
Register 2 (CSR2.ABCHC).
1: An error interrupt condition has occurred.
0: An error interrupt condition has not occurred.
29
EIS1
Error Interrupt
Status for
Channel 1
Error Interrupt Status for Channel 1 (initial value: 0x0)
Indicates whether an error interrupt condition has occurred on Channel 1. This bit is
the logical AND of the Interrupt Enable on Error bit of the Channel Control Register 1
(CCR1.INTENE) and the Abnormal Chain Completion bit of the Channel Status
Register 1 (CSR1.ABCHC).
1: An error interrupt condition has occurred.
0: An error interrupt condition has not occurred.
28
EIS0
Error Interrupt
Status for
Channel 0
Error Interrupt Status for Channel 0 (initial value: 0x0)
Indicates whether an error interrupt condition has occurred on Channel 0. This bit is
the logical AND of the Interrupt Enable on Error bit of the Channel Control Register 0
(CCR0.INTENE) and the Abnormal Chain Completion bit of the Channel Status
Register 0 (CSR0.ABCHC).
1: An error interrupt condition has occurred.
0: An error interrupt condition has not occurred.
27
DIS3
Done Interrupt
Status for
Channel 3
Done Interrupt Status for Channel 3 (initial value: 0x0)
Indicates whether a transfer-done interrupt condition has occurred on Channel 3. The
value of this bit is determined from the interrupt enable bits of the Channel Control
Register 3 (CCR3.INTENC and CCR3.INTENT) and the normal completion bits of the
Channel Status Register 3 (CSR3.NCHNC and CSR3.NTRNFC) as follows:
(CCR3.INTENC & CSR3.NCHNC) | (CCR3.INTENT & CSR3.NTRNFC)
1: A transfer-done interrupt condition has occurred.
0: A transfer-done interrupt condition has not occurred.
26
DIS2
Done Interrupt
Status for
Channel 2
Done Interrupt Status for Channel 2 (initial value: 0x0)
Indicates whether a transfer-done interrupt condition has occurred on Channel 2. The
value of this bit is determined from the interrupt enable bits of the Channel Control
Register 2 (CCR2.INTENC and CCR2.INTENT) and the normal completion bits of the
Channel Status Register 2 (CSR2.NCHNC and CSR2.NTRNFC) as follows:
(CCR2.INTENC & CSR2.NCHNC) | (CCR2.INTENT & CSR2.NTRNFC)
1: A transfer-done interrupt condition has occurred.
0: A transfer-done interrupt condition has not occurred.
Figure 10.3.1 Master Control Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com