Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 184 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 184 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 180Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 181Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 182Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 183Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 184Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 185Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 186Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 187Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 188Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 512 page
background image
Chapter 10 DMA Controller
10-8
Bits
Mnemonic
Field Name
Description
7
SNOP
Snoop
Snoop (initial value: 0)
Controls whether to request bus mastership involving snoop operations.
1: Uses snooping bus operations (GSREQ). Snooping is enabled during DMA write
cycles to maintain coherency between the data cache and main memory.
0: Uses non-snooping bus operations (GHPGREQ).
Note: This bit must be cleared when the data cache uses write-back mode.
6DSTINC
Mixed
Destination
Increment
Mixed Destination Increment (initial value: 0)
Controls how to increment the destination address.
1: After each transfer increments the destination address by the value of the
Destination Address Increment Register at odd word boundaries and by 4 bytes at
even word boundaries.
0: After each transfer always increments the destination address by the value of the
Destination Address Increment Register.
Note: The destination address is also incremented during burst cycles. However,
only memory devices connected to the SDRAM Controller can use non-
standard increments (other than 4) for burst transfers. The increment can be
between 0 and 255 words (1020 bytes).
5
SRCINC
Mixed Source
Increment
Mixed Source Increment (initial value: 0)
Controls how to increment the source address.
1: After each transfer, increments the source address by the value of the Source
Address Increment Register at odd word boundaries and by 4 bytes at even word
boundaries.
0: After each transfer, always increments the source address by the value of the
Source Address Increment Register.
Note: The source address is also incremented during burst cycles. However, only
memory devices connected to the SDRAM Controller can use non-standard
increments (other than 4) for burst transfers. The increment can be between 0
and 255 words (1020 bytes).
4:2
XFSZ
Transfer Size
Transfer Size (initial value: 000)
Specifies the data transfer size for a DMA request.
000: 8 bits. Valid for dual-address transfers.
001: 16 bits. Valid for dual- and single-address transfers between memory and I/O
peripherals.
010: 1 word. Valid for dual- and single-address transfers between memory and I/O
peripherals.
011: Reserved
100: 4 words. Valid for dual-address transfers when the MCR FIFUM bit for this
channel is set, and for single-address transfers between memory and I/O
peripherals.
101: 8 words. Valid for dual-address transfers when the MCR FIFUM bit for this
channel is set, and for single-address transfers between memory and I/O
peripherals.
110: 16 words. Valid for single-address transfers between memory and I/O
peripherals.
111: 32 words. Valid for single-address transfers between memory and I/O
peripherals.
1
MEMIO
Memory to I/O
Memory to I/O (initial value: 0)
Selects the direction of single-address transfers. (This bit does not affect dual-
address transfers.)
1: Memory to I/O
0: I/O to memory
0
ONEAD
One Address
One Address (initial value: 0)
Controls whether to run single-address or dual-address transfers.
1: Single-address transfers
0: Dual-address transfers
Figure 10.3.2 Channel Control Registers (3/3)
Note:
Bit 7 (SNOP) must be cleared when the data cache uses write-back mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com