Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 185 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 185 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 181Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 182Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 183Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 184Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 185Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 186Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 187Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 188Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 189Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 512 page
background image
Chapter 10 DMA Controller
10-9
10.3.4
Channel Status Registers (CSRn)
0xFFFE_B01C (ch. 0),
0xFFFE_B03C (ch. 1),
0xFFFE_B05C (ch. 2),
0xFFFE_B07C (ch. 3)
Reading a Channel Status Register has no effect on the value of any of its bits. Writing a 0 to any of
the bits also has no effect on the bit. Writing a 1 to a bit will clear that bit except for the Channel Active
(CHNACT) bit, the Abnormal Chain Completion (ABCHC) bit and the Internal Wait Counter (WAITC)
field. The Channel Active (CHNACT) bit is read-only and contains a copy of the XTACT bit of the
corresponding Channel Control Register (CCRn). The Abnormal Chain Completion (ABCHC) bit is the
logical OR of all the error bits (CFERR, CHERR, DESERR and SORERR). To clear this bit, all the
error bits must be cleared.
31
24 23
16
0
WAITC
R
: Type
0x00
: Initial value
15
14
13
98
765
43
210
WAITC
0
CHNACT
ABCHC
NCHNC NTRNFC EXTDN
CFERR
CHERR DESERR SORERR
R
R
R
R/WC R/WC R/WC R/WC R/WC R/WC R/WC : Type
00
0
00000000
: Initial value
Bits
Mnemonic
Field Name
Description
23:14
WAITC
Internal Wait
Counter
Internal Wait Counter (initial value: 0x000)
This read-only field allows software to track the elapsed time for the interval taken
between DMA bus cycles.
8CHNACT
CHNACT
Channel Active
Channel Active (initial value: 0)
This bit contains a copy of the XTACT bit of the Channel Control Register (CCRn).
7
ABCHC
Abnormal Chain
Completion
Abnormal Chain Completion (initial value: 0)
Indicates an occurrence of an error. This bit contains the logical OR of all the error
bits (CFERR, CHERR, DESERR and SORERR).
1: The chaining operation has terminated with an error.
0: The chaining operation has not encountered an error since the error bits were last
cleared.
6
NCHNC
Normal Chain
Completion
Normal Chain Completion (initial value: 0)
1: The chaining operation has completed normally.
0: The chaining operation has not completed normally since this bit was last cleared.
5
NTRNFC
Normal Transfer
Completion
Normal Transfer Completion (initial value: 0)
Indicates whether a DMA transfer has been completed normally by either a software
command or the DMADONE* hardware signal.
1: The DMA transfer has completed normally.
0: The DMA transfer has not completed since this bit was last cleared.
4EXTDN
External Done
Asserted
External Done Asserted (initial value: 0)
Indicates whether the DMADONE* signal has been asserted externally.
1: The external DMADONE* signal has been asserted.
0: The external DMADONE* signal has not been asserted
3CFERR
Configuration
Error
Configuration Error (initial value: 0)
Indicates whether a configuration error has occurred. A configuration error results
when channel settings are inconsistent with the current command.
1: A configuration error is present.
0: No configuration error exists.
2
CHERR
Chain Bus Error
Chain Bus Error (initial value: 0)
Indicates whether a bus error has occurred due to no response from memory during
a chaining operation.
1: A bus error has occurred.
0: No bus error has occurred.
Figure 10.3.3 Channel Status Registers (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com