Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 182 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 182 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 178Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 179Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 180Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 181Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 182Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 183Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 184Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 185Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 186Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 512 page
background image
Chapter 10 DMA Controller
10-6
10.3.3
Channel Control Registers (CCRn)
0xFFFE_B018 (ch. 0),
0xFFFE_B038 (ch. 1),
0xFFFE_B058 (ch. 2),
0xFFFE_B078 (ch. 3),
31
27
26
25
24
23
22
21
20
19
18
17
16
0
DBINH
SBINH
CHRST
RVBYTE AckPOL
REQPL
EGREQ
CHDN
DNCTL
EXTRQ
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
: Type
00
10
00
00
00
0
: Initial value
15
13
12
11
10
9
8
7
6
5
4
2
1
0
INTRQD
INTENE
INTENC
INTENT
CHNEN
XTACT
SNOP
DSTINC
SRCINC
XFSZ
MEMIO
ONEAD
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
: Type
000
00
00
00
00
000
0
0
: Initial value
Bits
Mnemonic
Field Name
Description
26
DBINH
Destination Burst
Inhibit
Destination Burst Inhibit (initial value: 0)
Controls whether to use burst transfers or single transfers for destination write cycles
in dual-address transfers when the transfer size (XFSZ) field is programmed for
burst transfers.
This bit does not affect single-address transfers or chaining operations.
1: Channel does not burst to memory.
0: Channel will burst to memory.
To use the burst capability, the destination address alignment and the byte transfer
count must meet certain requirements.
25
SBINH
Source Burst
Inhibit
Source Burst Inhibit (initial value: 0)
Controls whether to use burst transfers or single transfers for source read cycles in
dual-address transfers when the transfer size (XFSZ) field is programmed for burst
transfers.
This bit does not affect single-address transfers or chaining operations.
1: Channel does not burst from memory.
0: Channel will burst from memory.
To use the burst capability, the source address alignment and the byte transfer
count must meet certain requirements.
24
CHRST
Channel Reset
Channel Reset (initial value: 1)
Initializes the channel.
1: Clears all the status bits, the Transfer Active bit and the Chain Enable bit as well
as resets all internal logic and states for the channel. This bit must be cleared by
software prior to executing DMA transfers.
0: Enables the channel for DMA operation.
23
RVBYTE
Reverse Bytes
Reverse Bytes (initial value: 0)
Controls whether to reverse the byte order or not.
1: Reverses the byte order for dual-address transfers of 32 bits or more.
0: Does not reverse the byte order.
22
ACKPOL
Acknowledge
Polarity
Acknowledge Polarity (initial value: 0)
Selects the polarity of the DMA acknowledge signal (DMAACKn).
1: Active-high
0: Active-low
21
REQPL
REQPL Request
Polarity
Request Polarity (initial value: 0)
Selects the polarity of the DMA request signal (DMAREQn).
1: Active-high
0: Active-low
20
EGREQ
Edge Request
Edge Request (initial value: 0)
Controls the edge/level sensitivity for the DMA request signal (DMAREQn).
1: The external DMA request signal is edge-triggered. The channel starts a DMA
transfer each time an active edge is applied to the DMAREQn pin. In edge-
triggered mode, before next DMA transfer is requested, the DMAREQn pin must
be deasserted.
0: The external DMA request signal is level-sensitive.
Figure 10.3.2 Channel Control Registers (1/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com