Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 183 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 183 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 179Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 180Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 181Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 182Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 183Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 184Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 185Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 186Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 187Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 512 page
background image
Chapter 10 DMA Controller
10-7
Bits
Mnemonic
Field Name
Description
19
CHDN
Chain Done
Chain Done (initial value: 0)
1: DMADONE* controls chained transfers instead of one DMA process. As an
output, DMADONE* will be asserted when DMA data chaining completes. As an
input, assertion of DMADONE* will cause the active channel to stop the chaining.
0: DMADONE* controls one DMA process instead of chained transfers. As an
outputs DMADONE* will be asserted upon completion of a DMA process. As an
input, assertion of DMADONE* will cause the channel to stop the entire DMA
transaction (the current transfer and the entire chaining operation).
18:17
DNCTL
Done Control
Done Control (initial value: 00)
Enables or disables the validity of the DMADONE* signal.
00: DMADONE* is used neither as an output nor as an input.
01: DMADONE* is not used as an output. As an input, DMADONE* will cause the
current DMA process or chaining operation to terminate.
10: As an output, DMADONE* is asserted upon completion of a DMA process or
chaining operation. DMADONE* is not used (i.e., ignored) as an input.
11: When the channel is active, DMADONE* is used as an open-drain output. It is
asserted upon completion of a DMA process or chaining operation. As an input,
DMADONE* will cause the current DMA process or chaining operation to
terminate.
Note: Care must be taken when using open-drain mode because an external pull-up
resistor will cause the transition time of the output driver to increase.
16
EXTRQ
External Request
External Request (initial value: 0)
Selects the transfer request mode.
1: Assertion of the external DMA request signal requests DMA service.
0: Internally generated request transfers. This mode is used for memory-to-memory
transfers.
15:13
INTRQD
Internal Request
Delay
Internal Request Delay (initial value: 000)
Limits the amount of bus utilization by setting an interval between two internally
generated transfer requests.
000: Minimum interval (Even in this case, the bus is once released and then
reacquired.)
001: 16 clock cycles
010: 32 clock cycles
011: 64 clock cycles
100: 128 clock cycles
101: 256 clock cycles
110: 512 clock cycles
111: 1024 clock cycles
12
INTENE
Interrupt Enable
on Error
Interrupt Enable on Error (initial value: 0)
1: Enables DMA interrupts for errors.
0: Disable DMA interrupts for errors.
11
INTENC
Interrupt Enable
on Chain Done
Interrupt Enable on Chain Done (initial value: 0)
1: Enables DMA interrupts for chaining.
0: Disables DMA interrupts for chaining.
10
INTENT
Interrupt Enable
on Transfer Done
Interrupt Enable on Transfer Done (initial value: 0)
1: Enables DMA interrupts for end-of-transfer.
0: Disables DMA interrupts for end-of-transfer.
9
CHNEN
Chain Enable
Chain Enable (initial value: 0)
Enables DMA data chaining.
1: Immediately upon completion of the transfers, the channel’s registers are
reloaded from the address specified in the Chained Address Register. Transfers
then continue uninterrupted.
0: The channel does not chain.
8
XTACT
Transfer Active
Transfer a Active (initial value: 0)
1: Starts DMA transfer on the channel. Prior to executing a DMA transfer, set
appropriate parameters in the register and then write a 1 to this bit. Writing a 0 to
this bit causes the transfer to halt gracefully; then resetting it to 1 restarts the
transfer. This bit is automatically cleared when the transfer completes normally or
halts due to an error.
Figure 10.3.2 Channel Control Registers (2/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com