Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 189 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 189 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 185Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 186Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 187Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 188Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 189Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 190Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 191Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 192Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 193Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 512 page
background image
Chapter 10 DMA Controller
10-13
10.3.7
Chained Address Registers (CHARn)
0xFFFE_B000 (ch. 0),
0xFFFE_B020 (ch. 1),
0xFFFE_B040 (ch. 2),
0xFFFE_B060 (ch. 3)
31
16
CHAR
R/W
: Type
: Initial value
15
210
CHAR
0
R/W
: Type
: Initial value
Bits
Mnemonic
Field Name
Description
31:2
CHAR
Chained Address
Chained Address
This register is loaded with the physical starting address of the data block from which
the DMAC registers will be reloaded. When the current transfer completes, if the
CHNEN bit in the CCRn register is set, eight words are read from this address and
loaded into the CHARn, SARn, DARn, CNTRn, SAIn, DAIn, CCRn and CSRn
registers for the channel. If the new CCRn.XTACT value is 1, the next transfer starts
immediately.
Note:
The low-order two bits of the Chain Address Register (CHARn) must be 0; otherwise, a
configuration error occurs, if the Master Enable bit (MCR.MSTEN) is 1, the Channel Reset bit
(CCRn.CHRST) is 0, and the Transfer Active bit (CCRn.XTACT) is 1.
If the chained address is aligned on an odd 4-word boundary, a chain refill is distributed over two
consecutive 4-word bursts. If the chained address is aligned on a modulo-8 word boundary, a
chain refill is accomplished in a 8-word burst. Even if the chain address is not aligned on a
modulo-4 word boundary, the DMAC recognizes the situation and achieves a chain refill as a
sequence of four single reads from misaligned addresses and one 4-word burst read from a 4-
word-aligned address.
Figure 10.3.6 Chain Address Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com