Electronic Components Datasheet Search
  English  ▼

X  

TMPR3927 Datasheet(PDF) 191 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 191 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 187Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 188Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 189Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 190Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 191Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 192Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 193Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 194Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 195Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 512 page
background image
Chapter 10 DMA Controller
10-15
10.3.9
Destination Address Increment Registers (DAIn)
0xFFFE_B014 (ch. 0),
0xFFFE_B034 (ch. 1),
0xFFFE_B054 (ch. 2),
0xFFFE_B074 (ch. 3)
31
24
23
16
0DADINC
R/W
: Type
: Initial value
15
0
DADINC
R/W
: Type
: Initial value
Bits
Mnemonic
Field Name
Description
23:0
DADINC
Destination
Address
Increment
Destination Address Increment (initial value: undefined)
This register is loaded with 24-bit signed byte count to be added to the destination
address after each transfer. The increment must be an integer multiple of the
transfer size. If the Mixed Destination Increment (DSTINC) bit in the CCR register is
set, this value is added to addresses at odd word boundaries; the fixed increment of
four is added to addresses at even word boundaries.
Figure 10.3.8 Destination Address Increment Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com